Electronic Components Datasheet Search
  English  ▼

X  

ADDR12 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ADDR12
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADDR12 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ADDR12 Datasheet HTML 9Page - List of Unclassifed Manufacturers ADDR12 Datasheet HTML 10Page - List of Unclassifed Manufacturers ADDR12 Datasheet HTML 11Page - List of Unclassifed Manufacturers ADDR12 Datasheet HTML 12Page - List of Unclassifed Manufacturers ADDR12 Datasheet HTML 13Page - List of Unclassifed Manufacturers ADDR12 Datasheet HTML 14Page - List of Unclassifed Manufacturers ADDR12 Datasheet HTML 15Page - List of Unclassifed Manufacturers ADDR12 Datasheet HTML 16Page - List of Unclassifed Manufacturers ADDR12 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
Sys t e m Bus in te rface
ww w.d i gi .c om
9
System bus interface signal descriptions
RW_
D6
I/O
2
Transfer direction
BR_
D7
NO CONNECT
BG_
C7
NO CONNECT
BUSY_
B7
NO CONNECT
Mnemonic
Signal
Description
BCLK
Bus clock
Provides the bus clock. All system bus interface signals are
referenced to the BCLK signal.
ADDR[27:0]
Address bus
Identifies the address of the peripheral being addressed by the
current bus master. The address bus is bi-directional.
DATA[31:0]
Data bus
Provides the data transfer path between the NS7520 and external
peripheral devices. The data bus is bi-directional.
Recommendation: Less than x32 (S)DRAM/SRAM memory
configurations. Unconnected data bus pins will float during memory
read cycles. Floating inputs can be a source of wasted power.
For other than x32 DRAM/SRAM configurations, the unused data
bus signals should be pulled up.
TS_
Transfer start
NO CONNECT
BE_
Byte enable
Identifies which 8-bit bytes of the 32-bit data bus are active during
any given system bus memory cycle. The BE_ signals are active low
and bi-directional.
TA_
Transfer acknowledge
Indicates the end of the current system bus memory cycle. This
signal is driven to 1 prior to
tri-stating its driver.
TA_ is bi-directional.
TEA_
Transfer error
acknowledge
Indicates an error termination or burst cycle termination:
In conjunction with TA_ to signal the end of a burst cycle.
Independently of TA_ to signal that an error occurred during the
current bus cycle. TEA_ terminates the current burst cycle.
This signal is driven to 1 prior to tri-stating its driver.
TEA_ is bi-directional. The NS7520 or the external peripheral can
drive this signal.
RW_
Read/write indicator
Indicates the direction of the system bus memory cycle. RW_ high
indicates a read operation; RW_ low indicates a write operation. The
RW_ signal is bi-directional.
BR_
Bus request
NO CONNECT
BG_
Bus grant
NO CONNECT
BUSY_
Bus busy
NO CONNECT
Symbol
Pin
I/O
OD
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com