Electronic Components Datasheet Search
  English  ▼

X  

ADDR12 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ADDR12
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADDR12 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ADDR12 Datasheet HTML 17Page - List of Unclassifed Manufacturers ADDR12 Datasheet HTML 18Page - List of Unclassifed Manufacturers ADDR12 Datasheet HTML 19Page - List of Unclassifed Manufacturers ADDR12 Datasheet HTML 20Page - List of Unclassifed Manufacturers ADDR12 Datasheet HTML 21Page - List of Unclassifed Manufacturers ADDR12 Datasheet HTML 22Page - List of Unclassifed Manufacturers ADDR12 Datasheet HTML 23Page - List of Unclassifed Manufacturers ADDR12 Datasheet HTML 24Page - List of Unclassifed Manufacturers ADDR12 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
Po wer su pp l y
ww w.d i gi .c om
17
Figure 3: TRST_ termination
Power supply
TRST_
Test mode reset
TRST_ operates the JTAG standard. Consult the JTAG
specifications for use in boundary-scan testing. These signals meet
the requirements of the Raven and Jeeni debuggers.
TCK
Test mode clock
TCK operates the JTAG standard. Consult the JTAG specifications
for use in boundary-scan testing. These signals meet the
requirements of the Raven and Jeeni debuggers.
Signal
Pin
Description
Oscillator VCC (3.3V)
N13, C3
Oscillator power supply
Core VCC (1.5V)
R8, L14, C14, C13
Core power supply
I/O VCC (3.3V)
E4, K4, M2, N3, P3, R5, H14, F14, B8, A3
I/O power supply
GND
D2, F1, J4, P4, P7, M8, P9, R11, K15, G15, E13,
D13, B14, C11, A7, A5, B2, P2, P14, K13
Ground
Mnemonic
Signal
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com