Electronic Components Datasheet Search
  English  ▼

X  

DATA25 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # DATA25
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DATA25 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button DATA25 Datasheet HTML 12Page - List of Unclassifed Manufacturers DATA25 Datasheet HTML 13Page - List of Unclassifed Manufacturers DATA25 Datasheet HTML 14Page - List of Unclassifed Manufacturers DATA25 Datasheet HTML 15Page - List of Unclassifed Manufacturers DATA25 Datasheet HTML 16Page - List of Unclassifed Manufacturers DATA25 Datasheet HTML 17Page - List of Unclassifed Manufacturers DATA25 Datasheet HTML 18Page - List of Unclassifed Manufacturers DATA25 Datasheet HTML 19Page - List of Unclassifed Manufacturers DATA25 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
E t h e rn et interfac e MAC
12
NS 75 20 Da ta shee t
03 /2 00 6
Mnemonic Signal
Description
MDC
MII management clock
Provides the clock for the MDIO serial data channel. The MDC signal
is an NS7520 output. The frequency is derived from the system
operating frequency per the CLKS field setting (see the CLKS field in
Table 69: "MII Management Configuration register bit definition" on
page 191).
MDIO
Management data IO
A bi-directional signal that provides a serial data channel between the
NS7520 and the external Ethernet PHY module.
TXCLK
Transmit clock
An input to the NS7520 from the external PHY module. TXCLK
provides the synchronous data clock for transmit data.
TXD3
TXD2
TXD1
TXD0
Transmit data signals
Nibble bus used by the NS7520 to drive data to the external Ethernet
PHY. All transmit data signals are synchronized to TXCLK.
In ENDEC mode, only TXD0 is used for transmit data.
TXER
Transmit coding error
Output asserted by the NS7520 when an error has occurred in the
transmit data stream.
TXEN
Transmit enable
Asserted when the NS7520 drives valid data on the TXD outputs.
This signal is synchronized to TXCLK.
COL
Transmit collision
Input signal asserted by the external Ethernet PHY when a collision
is detected.
CRS
Receive carrier sense
Asserted by the external Ethernet PHY whenever the receive medium
is non-idle.
RXCLK
Receive clock
An input to the NS7520 from the external PHY module. The receive
clock provides the synchronous data clock for receive data.
RXD3
RXD2
RXD1
RXD0
Receive data signals
Nibble bus used by the NS7520 to input receive data from the
external Ethernet PHY. All receive data signals are synchronized to
RXCLK.
In ENDEC mode, only RXD0 is used for receive data.
RXER
Receive error
Input asserted by the external Ethernet PHY when the Ethernet PHY
encounters invalid symbols from the network.
RXDV
Receive data valid
Input asserted by the external Ethernet PHY when the PHY drives
valid data on the RXD inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com