Electronic Components Datasheet Search
  English  ▼

X  

DATA25 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # DATA25
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DATA25 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button DATA25 Datasheet HTML 19Page - List of Unclassifed Manufacturers DATA25 Datasheet HTML 20Page - List of Unclassifed Manufacturers DATA25 Datasheet HTML 21Page - List of Unclassifed Manufacturers DATA25 Datasheet HTML 22Page - List of Unclassifed Manufacturers DATA25 Datasheet HTML 23Page - List of Unclassifed Manufacturers DATA25 Datasheet HTML 24Page - List of Unclassifed Manufacturers DATA25 Datasheet HTML 25Page - List of Unclassifed Manufacturers DATA25 Datasheet HTML 26Page - List of Unclassifed Manufacturers DATA25 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
BB us mod u le
ww w.d i gi .c om
19
The NS7520 clock module creates the BCLK and FXTAL signals. Both signals are used internally, but
BCLK can also be accessed at ball A6 by setting the BCLKD field in the System Control register to 0.
BCLK functions as the system clock and provides the majority of the NS7520’s timing.
FXTAL provides the timing for the DRAM refresh counter, can be selected instead of BCLK
to provide timing for the watchdog timer, the two internal timers, and the Serial module.
BBus module
The BBus module provides the data path among NS7520 internal modules. This module provides the
address and data multiplexing logic that supports the data flow through the NS7520. The BBus
module is the central arbiter for all the NS7520 bus masters and, once mastership is granted,
handles the decoding of each address to one (or none) of the NS7520 modules.
Memory module (MEM)
The MEM module provides a glueless interface to external memory devices such as Flash, DRAM,
and EEPROM. The memory controller contains an integrated DRAM controller and supports five
unique chip select configurations.
The MEM module monitors the BBus interface for access to the bus module; that is, any access not
addressing internal resources. If the address to be used corresponds to a Base Address register in
the MEM module, the MEM module provides the memory access signals and responds to the BBus
with the necessary completion signal.
The MEM module can be configured to interface with FP, EDO, or SDRAM (synchronous DRAM),
although the NS7520 cannot interface with more than one device type at a time.
DMA controller
The NS7520 contains one DMA controller, with 13 DMA channels. Each DMA channel moves blocks of
data between memory and a memory peripheral.
The DMA controller supports both fly-by operations and memory-to-memory operations:
When configured for fly-by operation, the DMA controller transfers data between one of the
NS7520 peripherals and a memory location.
When configured for memory-to-memory operations, the DMA controller uses a temporary
holding register between read and write operations. Two memory cycles are executed.
Ethernet controller
The Ethernet controller provides the NS7520 with one IEEE 802.3u compatible Ethernet interface.
The Ethernet interface includes the Ethernet front-end (EFE) and media access controller (MAC).
The Ethernet module supports both media independent interface (MII) and ENDEC modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com