Electronic Components Datasheet Search
  English  ▼

X  

2SJ243 Datasheet(PDF) 4 Page - NEC

Part # 2SJ243
Description  P-CHANNEL MOS FET FOR SWITCHING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SJ243 Datasheet(HTML) 4 Page - NEC

  2SJ243 Datasheet HTML 1Page - NEC 2SJ243 Datasheet HTML 2Page - NEC 2SJ243 Datasheet HTML 3Page - NEC 2SJ243 Datasheet HTML 4Page - NEC 2SJ243 Datasheet HTML 5Page - NEC 2SJ243 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SJ243
4
DRAIN TO SOURCE ON-STATE RESISTANCE
vs. DRAIN CURRENT
130
ID - Drain Current - mA
CAPACITANCE vs.
DRAIN TO SOURCE VOLTAGE
–0.3
60
VDS - Gate to Source Voltage - V
SWITCHING CHARACTERISTICS
–6
ID - Drain Current - mA
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
–0.4
–200
VSD - Source to Drain Voltage - V
0
30
10
1
0.5
–1
–10
500
25 ˚C
TA = 150 ˚C
–25 ˚C
75 ˚C
–0.5
–3
–10
–30
–60
100
50
VGS = –4 V
Pulsed
200
100
20
10
50
–30
–50
–100
–300
VDD = – 5 V
VGS = – 5 V
Rin = 10
Ω
–0.5 –0.6 –0.7 –0.8 –0.9 –1.0 –1.1 –1.2 –1.3
–100
–30
–10
–3
–1
–0.3
–0.1
VGS = 0
Pulsed
td(off)
td(on)
tf
tr
3
–1
–3
–10
–40
VDS = –5 V
f = 1 MHz
Ciss
Coss
Crss



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com