Electronic Components Datasheet Search
  English  ▼

X  

2SJ243 Datasheet(PDF) 1 Page - NEC

Part # 2SJ243
Description  P-CHANNEL MOS FET FOR SWITCHING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SJ243 Datasheet(HTML) 1 Page - NEC

  2SJ243 Datasheet HTML 1Page - NEC 2SJ243 Datasheet HTML 2Page - NEC 2SJ243 Datasheet HTML 3Page - NEC 2SJ243 Datasheet HTML 4Page - NEC 2SJ243 Datasheet HTML 5Page - NEC 2SJ243 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1996
DATA SHEET
MOS FIELD EFFECT TRANSISTOR
2SJ243
P-CHANNEL MOS FET
FOR SWITCHING
Document No. D11215EJ1V0DS00 (1st edition)
Date Published June 1996 P
Printed in Japan
PACKAGE DIMENSIONS (in mm)
0.3 ± 0.05
G
0.2
+0.1
–0
0.5
0.5
1.0
1.6 ± 0.1
D
S
0.6
0.75 ± 0.05
0 to 0.1
0.1
+0.1
–0.05
EQUIVALENT CIRCUIT
Source (S)
Internal diode
Gate protection
diode
Gate (G)
Drain (D)
PIN CONNECTIONS
S: Source
D: Drain
G: Gate
Marking: A1
The 2SJ243 is a P-channel vertical type MOS FET that is driven
at 2.5 V.
Because this MOS FET can be driven on a low voltage and
because it is not necessary to consider the drive current, the
2SJ243 is ideal for driving the actuator of power-saving systems,
such as VCR cameras and headphone stereo systems.
Moreover, the 2SJ243 is housed in a super small mini-mold
package so that it can help increase the mounting density on the
printed circuit board and lower the mounting cost, contributing to
miniaturization of the application systems.
FEATURES
•
Small mounting area: about 60 % of the conventional mini-mold
package (SC-70)
•
Can be directly driven by 3-V IC
•
Can be automatically mounted
The internal diode in the right figure is a parasitic diode.
The protection diode is to protect the product from damage
due to static electricity. If there is a danger that an extremely
high voltage will be applied across the gate and source in the
actual circuit, a gate protection circuit such as an external
constant-voltage diode is necessary.
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
PARAMETER
SYMBOL
TEST CONDITIONS
RATING
UNIT
Drain to Source Voltage
VDSS
VGS = 0
–30
V
Gate to Source Voltage
VGSS
VDS = 0
±7A
Drain Current (DC)
ID(DC)
±100
mA
Drain Current (Pulse)
ID(pulse)
PW
≤ 10 ms
±200
mA
Duty cycle
≤ 50 %
Total Power Dissipation
PT
3.0 cm2
× 0.64 mm, ceramic substrate used
200
mW
Channel Temperature
Tch
150
˚C
Operating Temperature
Topt
–55 to +80
˚C
Storage Temperature
Tstg
–55 to +150
˚C


Similar Part No. - 2SJ243

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ243 RENESAS-2SJ243 Datasheet
860Kb / 7P
MOS FIELD EFFECT TRANSISTOR
1996
More results

Similar Description - 2SJ243

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ165 NEC-2SJ165 Datasheet
384Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
2SJ196 NEC-2SJ196 Datasheet
386Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
2SJ197 NEC-2SJ197 Datasheet
301Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
2SJ199 NEC-2SJ199 Datasheet
308Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
2SJ202 NEC-2SJ202 Datasheet
406Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
2SJ204 NEC-2SJ204 Datasheet
323Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
2SJ205 NEC-2SJ205 Datasheet
307Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
2SJ206 NEC-2SJ206 Datasheet
294Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
2SJ209 NEC-2SJ209 Datasheet
422Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
2SJ211 NEC-2SJ211 Datasheet
394Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com