Electronic Components Datasheet Search
  English  ▼

X  

EM83807 Datasheet(PDF) 4 Page - ELAN Microelectronics Corp

Part # EM83807
Description  ALL-IN-ONE PLUG & PLAY 3-BUTTON SERIAL MOUSE CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83807 Datasheet(HTML) 4 Page - ELAN Microelectronics Corp

  EM83807 Datasheet HTML 1Page - ELAN Microelectronics Corp EM83807 Datasheet HTML 2Page - ELAN Microelectronics Corp EM83807 Datasheet HTML 3Page - ELAN Microelectronics Corp EM83807 Datasheet HTML 4Page - ELAN Microelectronics Corp EM83807 Datasheet HTML 5Page - ELAN Microelectronics Corp EM83807 Datasheet HTML 6Page - ELAN Microelectronics Corp EM83807 Datasheet HTML 7Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EM83807
ALL-IN-ONE PLUG & PLAY 3-BUTTON SERIAL MOUSE CONTROLLER
4
* This specification is subject to be changed without notice.
9.3.1999
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
DC ELECTRICAL CHARACTERISTICS (T
A=25°C to 70°C, Vds=5.6V))
Parameters
Sym.
Min.
Typ.
Max.
Unit
Operating voltage
Vdd
4.5
6
6.5
V
Vrts
-
12
13
V
Operating current
(Vdd=5.4V, RTS=Vdd)
Iop1
-
-
0.8
mA
Operating current
(Vdd=6.2V, RTS=Vdd)
Iop2
3
-
-
mA
RTS operating current
(Vdd=5.6V, RTS=11V)
Irts1
-
-
1.8
mA
RTS operating current
(Vdd=5.4V, RTS=12.5V)
Irts2
4
-
-
mA
RXD high output voltage
(Vrh=Vrts-2.6V)
Irh
2
-
-
mA
RXD low output voltage
(Vrl=Vss+2.6V)
Irl
-
-
-2
mA
RTS high input voltage
Vrts+
9.6
-
-
V
RTS low input voltage
Vrts-
-
-
6.8
V
X1,X2,Y1,Y2 low input reference current
Ipl
70
-
-
µA
X1,X2,Y1,Y2 high input reference current
IPh
-
-
106
µA
X1,X2,Y1,Y2 input current
(80
µA)
Vpi1
0.8
-
1.2
V
X1,X2,Y1,Y2 input current
(500
µA)
Vpi2
1.5
-
2.1
V
L,M,R,OPT input low voltage
Vail
-
-
1.5
V
L,M,R,OPT input high voltage
Vaih
3.5
-
-
V
L,M,R input current
(Vin=5.6V)
Rmi
18
-
56
µA
OPT input current
Ixi
-18
-
-56
µA
OPT high output current
(Iopt=20mA)
Vopt
4.5
-
-
V
L,M,R,X1,X2,Y1,Y2 input leakage current
Iil
0
-
-1.0
µA
(Vds=0V)
OPT input leakage current
(Vin=5.6V)
Iih
0
-
1.0
µA
ABSOLUTE MAXIMUM RATINGS
Parameter
Ratings
Unit
Min.
Max.
Temperature under bias
0
70
°C
Storage temperature range
-65
150
°C
Supply voltage
-0.3
7.5
V
Power dissipation
-
500
mW



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com