Electronic Components Datasheet Search
  English  ▼

X  

EM83807 Datasheet(PDF) 1 Page - ELAN Microelectronics Corp

Part # EM83807
Description  ALL-IN-ONE PLUG & PLAY 3-BUTTON SERIAL MOUSE CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83807 Datasheet(HTML) 1 Page - ELAN Microelectronics Corp

  EM83807 Datasheet HTML 1Page - ELAN Microelectronics Corp EM83807 Datasheet HTML 2Page - ELAN Microelectronics Corp EM83807 Datasheet HTML 3Page - ELAN Microelectronics Corp EM83807 Datasheet HTML 4Page - ELAN Microelectronics Corp EM83807 Datasheet HTML 5Page - ELAN Microelectronics Corp EM83807 Datasheet HTML 6Page - ELAN Microelectronics Corp EM83807 Datasheet HTML 7Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
* This specification is subject to be changed without notice.
9.3.1999
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
EM83807
ALL-IN-ONE PLUG & PLAY 3-BUTTON SERIAL MOUSE CONTROLLER
GENERAL DESCRIPTION
The EM83807 Mouse Controller is specially designed to control serial mouse device.
This single chip can interface three key-switches and 4 X-Y photo-couples directly to RS-232C.
FEATURES
• Include PnP software scrolling function
• Using 50k
Ω ±1% resistor for RC oscillation.
• Compatible with Microsoft serial mouse.
• 100 bytes PnP ID code could be filled by code layer.
• Built-in noise immunity circuit.
• The sampiling rate of motion detector is up to 65KHz.
• Built-in three zener diodes : one in VDD to VSS, two in RTS to VDD.
• CMOS push-pull RXD output.
• Built-in current comparator for photo-couples input.
• Built-in three step dynamic input impedance.
• Three key-switches and four photo-couples inputs.
• RTS debouncing circuit included.
• Photo couple test mode included.
• Low power dissipation.
APPLICATION
• Serial PnP mouse.
PIN ASSIGNMENT
VDD
OSC.OUT
NC
NC
RTS
RXD
OPT
VSS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OSCR
Y2
Y1
X2
X1
L
M
R
EM83807


Similar Part No. - EM83807

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83812 EMC-EM83812 Datasheet
84Kb / 11P
ALL-INONE PLUG & PLAY SCRLLING SERIAL MOUSE CONTROLLER
EM83812AP EMC-EM83812AP Datasheet
84Kb / 11P
ALL-INONE PLUG & PLAY SCRLLING SERIAL MOUSE CONTROLLER
EM83812BP EMC-EM83812BP Datasheet
84Kb / 11P
ALL-INONE PLUG & PLAY SCRLLING SERIAL MOUSE CONTROLLER
EM83812CP EMC-EM83812CP Datasheet
84Kb / 11P
ALL-INONE PLUG & PLAY SCRLLING SERIAL MOUSE CONTROLLER
EM83812DP EMC-EM83812DP Datasheet
84Kb / 11P
ALL-INONE PLUG & PLAY SCRLLING SERIAL MOUSE CONTROLLER
More results

Similar Description - EM83807

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83702 EMC-EM83702 Datasheet
81Kb / 11P
ALL IN ONE MOUSE CONTROLLER
EM83812 EMC-EM83812 Datasheet
84Kb / 11P
ALL-INONE PLUG & PLAY SCRLLING SERIAL MOUSE CONTROLLER
EM84520 EMC-EM84520 Datasheet
120Kb / 19P
2-IN-ONE SCROLLING MOUSE CONTROLLER
EM84530 EMC-EM84530 Datasheet
84Kb / 14P
2-IN-ONE MOUSE CONTROLLER
logo
List of Unclassifed Man...
SC84520 ETC-SC84520 Datasheet
185Kb / 19P
TWO IN ONE SCROLLING MOUSE CONTROLLER
SC83702 ETC-SC83702 Datasheet
137Kb / 10P
ALL IN ONE MOUSE CONTROLLER
EC3581-D ETC2-EC3581-D Datasheet
339Kb / 14P
2-IN-1 PnP SERIAL MOUSE CONTROLLER WITH AUTO-REF
logo
Panasonic Semiconductor
PAN1322 PANASONIC-PAN1322 Datasheet
321Kb / 2P
All-In-One, Place and Play Bluetooth Module
logo
NXP Semiconductors
PN7462 NXP-PN7462 Datasheet
985Kb / 4P
First all-in-one full NFC controller solution
2016
logo
IOGEAR
GME423 IOGEAR-GME423 Datasheet
129Kb / 2P
3-Button Optical USB Wired Mouse
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com