Electronic Components Datasheet Search
  English  ▼

X  

EM83812AP Datasheet(PDF) 2 Page - ELAN Microelectronics Corp

Part # EM83812AP
Description  ALL-INONE PLUG & PLAY SCRLLING SERIAL MOUSE CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83812AP Datasheet(HTML) 2 Page - ELAN Microelectronics Corp

  EM83812AP Datasheet HTML 1Page - ELAN Microelectronics Corp EM83812AP Datasheet HTML 2Page - ELAN Microelectronics Corp EM83812AP Datasheet HTML 3Page - ELAN Microelectronics Corp EM83812AP Datasheet HTML 4Page - ELAN Microelectronics Corp EM83812AP Datasheet HTML 5Page - ELAN Microelectronics Corp EM83812AP Datasheet HTML 6Page - ELAN Microelectronics Corp EM83812AP Datasheet HTML 7Page - ELAN Microelectronics Corp EM83812AP Datasheet HTML 8Page - ELAN Microelectronics Corp EM83812AP Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
EM83812
ALL-INONE PLUG & PLAY SCRLLING SERIAL MOUSE CONTROLLER
2
* This specification are subject to be changed without notice.
9.3.1999
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
FUNCTIONAL BLOCK DIAGRAM
PIN DESCRIPTIONS
OPT
I/O
INPUT: 200kohm pull low to VSS.
When OPT is connected to VDD, EM84520 will enter test mode. In test mode,
L will be the output of X1,while M will be the output of X2. Toggling R key can
change these output to be Y1,Y2 or Z1,Z2 respectively.
OUTPUT: 2kHz Z-axis LED driving source with A/D/E/F version.
"1"= VDD, "0"= floating
High duty is about 60us.
OSC.OUT
O
The RC oscillation clock output. Or 3mA sink current output for X, Y photo
emitters.
OSCR
I
Connect 50k
Ω±1% precise resistor for oscillation.
RTS
I/O
±12V signal with 10mA driving. Used as PnP ID code output trigger signal
from 10w (-12V) to high (+12V) while under normal operating. RTS will keep on
±12V driving.
RXD
I/O
One report contains 4 data bytes, 7 data bits without parity in the data byte.
The data byte is sgifted out from LSB through MSB, started by start bit and ended
by stop bit. The RXD signal swing between +6V and -6V.
R
I
Three key-switches inputs. 200k
Ω resistor pull low.
M
I/O
In Z-axis key mode, M key toggling can change the scrolling speed from low to
L
I/O
high.
X1
I
Three step dynamic input impedance. If OSC.OUT is not connected to LEDs, the
X2
I
dynamic input impedance will be off.
Y1
I
Use current comparator to measure photo-couples "ON", or "OFF".
Y2
I
Z1
I
Z-axis input.
Z2
I
Photo mode : Three steps dynamic input impedance. Current comparator input.
Key mode : 200 k
Ω resistor pull low. 7 levels increased by "M" key.
Voltage mode : 200 k
Ω resistor pull low. 7 levels voltage comparator.
Mechanical mode : 13.2k
Ω resistor pull low. Current comparator input.
VSS
Negative power.
VDD
Power line.
Symbol
I/O
Function
Z1
Z2
OPT
X1
X2
Y1
Y2
L
M
R
OSCR
OSC.OUT
C
O
M
P
A
R
A
T
O
R
M
O
T
I
O
N
D
E
T
E
C
T
O
R
D
E
B
O
U
N
C
E
COUNTER
COMMAND
STATUS
SYSTEM CLOCK
GENERATOR
RC
OSCILLATION
MULTIPLEXER
DATA
I/O
TIMING
CONTROLLER
COMPARATOR VOLTAGE
SENSOR
KEY-SWITCH
DETECTOR
Z-AXIS COUNTER
THREE TYPES SELECTOR
RXD
RTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com