Electronic Components Datasheet Search
  English  ▼

X  

EM83812AP Datasheet(PDF) 3 Page - ELAN Microelectronics Corp

Part # EM83812AP
Description  ALL-INONE PLUG & PLAY SCRLLING SERIAL MOUSE CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83812AP Datasheet(HTML) 3 Page - ELAN Microelectronics Corp

  EM83812AP Datasheet HTML 1Page - ELAN Microelectronics Corp EM83812AP Datasheet HTML 2Page - ELAN Microelectronics Corp EM83812AP Datasheet HTML 3Page - ELAN Microelectronics Corp EM83812AP Datasheet HTML 4Page - ELAN Microelectronics Corp EM83812AP Datasheet HTML 5Page - ELAN Microelectronics Corp EM83812AP Datasheet HTML 6Page - ELAN Microelectronics Corp EM83812AP Datasheet HTML 7Page - ELAN Microelectronics Corp EM83812AP Datasheet HTML 8Page - ELAN Microelectronics Corp EM83812AP Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
EM83812
ALL-INONE PLUG & PLAY SCRLLING SERIAL MOUSE CONTROLLER
3
* This specification are subject to be changed without notice.
9.3.1999
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
FUNCTION DESCRIPTIONS
(I) Serial Scrolling Mouse :
In Microsoft mode, the transmission cycle consists of four bytes in one report. Each byte contains one start
bit, 7 data bits and two stop bits. The first byte contains "L", "R" key status and four bits of the two most
significant bits in horizontal counter and vertical counter. The second byte represents the value accumulated
by horizontal counter, the third byte is the data of the vertical counter. The last byte contains "M" key status
and Z-axis value. The vertical data is transmitted in 2's complement.
Output byte arrange
Bit no.
......
654321
0
1st byte
......
1
L
R
V7'
V6'
H7
H6
2nd byte
....
0
H5
H4
H3
H2
H1
H0
3rd byte
....
0
V5'
V4'
V3'
V2'
V1'
V0'
4th byte
....
0
0
M
Z3
Z2
Z1
Z0
Plug & Play ID code
When RTS input from low to high, EM84520 will send a string ID code. Customer can specify the contains
of the code area and the total lenth below 100 bytes by changing the code layer.
Field Name
Length
Field Data
Description
Other ID
<17
4D, 5A, 40, 00, 00, 00
ID for legacy
Begin ID
1
08
Begin PnP ID
PnP Revision
2
01, 24
Version 1.00
EISA ID
3
25, 2D, 23
EMC
Product ID
4
10, 10, 10, 11
0001
Serial Number
9
3C
None provided
Class ID
<34
3C, 2D, 2F, 35, 33, 25
Mouse Class
Driver ID
<42
3C, 30, 2E, 30, 10 26, 10, 21
PnP0F0A
User Name
<42
3C, 25, 2D, 23, 00, 33, 23, 32,
EMC SCROLLING
2F, 2C, 2C, 29, 2E, 27, 00, 33,
SERIAL MOUSE
25, 32, 29, 21, 2C, 00, 2D, 2F,
35, 33, 25
Check sum
2
21, 15
2 bytes checks um
End PnP
1
09
End PnP ID
(II). Z-axis Input Function :
(a) Photo couples input : Z-axis counter accumulates the Z1, Z2 phase changed by movement.
(b) Key-switches input : Pressing Z1, Z2 will start to fill the Z-axis counter with the value beginning at one.
Toggling "M" key can increase the value any time by one. The limit value is
±7.
(c) The relationship between the value and the transmission rate as follows :



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com