Electronic Components Datasheet Search
  English  ▼

X  

BAT721 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BAT721
Description  Planar Schottky barrier diodes with an integrated guard ring for stress protection. Encapsulated in small Surface-Mounted Device (SMD) plastic packages.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT721 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BAT721 Datasheet HTML 2Page - NXP Semiconductors BAT721 Datasheet HTML 3Page - NXP Semiconductors BAT721 Datasheet HTML 4Page - NXP Semiconductors BAT721 Datasheet HTML 5Page - NXP Semiconductors BAT721 Datasheet HTML 6Page - NXP Semiconductors BAT721 Datasheet HTML 7Page - NXP Semiconductors BAT721 Datasheet HTML 8Page - NXP Semiconductors BAT721 Datasheet HTML 9Page - NXP Semiconductors BAT721 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
1PS76SB21_BAT721_SER_6
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 06 — 21 December 2006
6 of 11
NXP Semiconductors
1PS76SB21; BAT721 series
Schottky barrier diodes in small packages
8.
Package outline
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 13.
Fig 4.
Package outline SOD323 (SC-76)
Fig 5.
Package outline SOT23
03-12-17
Dimensions in mm
0.25
0.10
0.45
0.15
2.7
2.3
1.8
1.6
0.40
0.25
1.1
0.8
1.35
1.15
1
2
04-11-04
Dimensions in mm
0.45
0.15
1.9
1.1
0.9
3.0
2.8
2.5
2.1
1.4
1.2
0.48
0.38
0.15
0.09
12
3
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
1PS76SB21
SOD323
4 mm pitch, 8 mm tape and reel
-115
-135
BAT721
SOT23
4 mm pitch, 8 mm tape and reel
-215
-235
BAT721A
BAT721C
BAT721S



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com