Electronic Components Datasheet Search
  English  ▼

X  

BC807W Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BC807W
Description  45 V, 500 mA PNP general-purpose transistors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC807W Datasheet(HTML) 4 Page - NXP Semiconductors

  BC807W Datasheet HTML 1Page - NXP Semiconductors BC807W Datasheet HTML 2Page - NXP Semiconductors BC807W Datasheet HTML 3Page - NXP Semiconductors BC807W Datasheet HTML 4Page - NXP Semiconductors BC807W Datasheet HTML 5Page - NXP Semiconductors BC807W Datasheet HTML 6Page - NXP Semiconductors BC807W Datasheet HTML 7Page - NXP Semiconductors BC807W Datasheet HTML 8Page - NXP Semiconductors BC807W Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
BC807_BC807W_BC327_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 November 2009
4 of 19
NXP Semiconductors
BC807; BC807W; BC327
45 V, 500 mA PNP general-purpose transistors
5.
Limiting values
[1]
Transistor mounted on an FR4 printed-circuit board, single-sided copper, tin-plated and standard footprint.
[2]
Valid for all available selection groups.
6.
Thermal characteristics
[1]
Transistor mounted on an FR4 printed-circuit board, single-sided copper, tin-plated and standard footprint.
[2]
Valid for all available selection groups.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
−50
V
VCEO
collector-emitter voltage
open base;
IC =10 mA
-
−45
V
VEBO
emitter-base voltage
open collector
-
−5V
IC
collector current (DC)
-
−500
mA
ICM
peak collector current
-
−1A
IBM
peak base current
-
−200
mA
Ptot
total power dissipation
BC807
Tamb ≤ 25 °C
[1][2] -
250
mW
BC807W
Tamb ≤ 25 °C
[1][2] -
200
mW
BC327
Tamb ≤ 25 °C
[1][2] -
625
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
BC807
Tamb ≤ 25 °C
[1][2] --
500
K/W
BC807W
Tamb ≤ 25 °C
[1][2] --
625
K/W
BC327
Tamb ≤ 25 °C
[1][2] --
200
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com