Electronic Components Datasheet Search
  English  ▼

X  

BC807W Datasheet(PDF) 16 Page - NXP Semiconductors

Part # BC807W
Description  45 V, 500 mA PNP general-purpose transistors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC807W Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button BC807W Datasheet HTML 11Page - NXP Semiconductors BC807W Datasheet HTML 12Page - NXP Semiconductors BC807W Datasheet HTML 13Page - NXP Semiconductors BC807W Datasheet HTML 14Page - NXP Semiconductors BC807W Datasheet HTML 15Page - NXP Semiconductors BC807W Datasheet HTML 16Page - NXP Semiconductors BC807W Datasheet HTML 17Page - NXP Semiconductors BC807W Datasheet HTML 18Page - NXP Semiconductors BC807W Datasheet HTML 19Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
BC807_BC807W_BC327_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 November 2009
16 of 19
NXP Semiconductors
BC807; BC807W; BC327
45 V, 500 mA PNP general-purpose transistors
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 12.
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
5000
10000
BC807
SOT23
4 mm pitch, 8 mm tape and reel
-215
-
-235
BC807W
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-135
BC327
SOT54
bulk, straight leads
-
-412
-
BC327
SOT54A
tape and reel, wide pitch
-
-
-116
BC327
SOT54A
tape ammopack, wide pitch
-
-
-126
BC327
SOT 54 variant
bulk, delta pinning (on-circle)
-
-112
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com