Electronic Components Datasheet Search
  English  ▼

X  

EM84502 Datasheet(PDF) 8 Page - ELAN Microelectronics Corp

Part # EM84502
Description  PS/2 MOUSE ENCODER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM84502 Datasheet(HTML) 8 Page - ELAN Microelectronics Corp

Back Button EM84502 Datasheet HTML 4Page - ELAN Microelectronics Corp EM84502 Datasheet HTML 5Page - ELAN Microelectronics Corp EM84502 Datasheet HTML 6Page - ELAN Microelectronics Corp EM84502 Datasheet HTML 7Page - ELAN Microelectronics Corp EM84502 Datasheet HTML 8Page - ELAN Microelectronics Corp EM84502 Datasheet HTML 9Page - ELAN Microelectronics Corp EM84502 Datasheet HTML 10Page - ELAN Microelectronics Corp EM84502 Datasheet HTML 11Page - ELAN Microelectronics Corp EM84502 Datasheet HTML 12Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
EM84502
PS/2 MOUSE CONTROLLER
8
* This specification are subject to be changed without notice.
6.18.1998
* All voltages in above table are compared with V
SS.
* All parameters in above table are tested under V
DD=5V.
* CLK & DATA output gates are open drains that connect to pull up resistors.
* X1, X2,Y1,T2 Input Impedance
5.0
4.0
3.0
2.0
1.0
10.0M
0
1.0K
2.0K
3.0K
4.0K
5.0K
6.0K
7.0K
8.0K
9.0K
10.0.K
11.0K
12.0K
13.0K
14.0K
VOLTS (LIN)
15.0K
16.0K
MAX.
TYP.
MIN.
DC ELECTRICAL CHARACTERISTICS (T
A=25°C to 70°C)
Parameters
Sym.
Min.
Typ.
Max.
Unit
Operating voltage
V
DD
4.5
5
5.5
V
Operating current
(no load)
I
Op
-
-
1.2
mA
X,X2,Y1,Y2 low input reference current
I
PL
70
-
-
µA
X,X2,Y1,Y2 high input reference current
I
Ph
-
-
106
µA
X,X2,Y1,Y2 input current
V
PI
0.8
-
1.2
V
Schmitt trigger input
(76
µA)
X,X2,Y1,Y2 input current
V
PI
0.8
-
1.2
V
Comparator input
(80
µA)
X,X2,Y1,Y2 input current
V
PI
1.5
-
2.1
V
Comparator input
(500
µA)
CLK, DATA postive-going
Vt+
3.2
-
3.8
V
threshold voltage
CLK, DATA negative-going
Vt -
1.2
-
1.9
V
threshold voltage
Low input voltage, other pins
Vail
-
-
1.5
V
High input voltage, other pins
Vaih
3.5
-
-
V
L, M, R input current
Imi
16.6
-
50
µA
(pull low resistor Vin=5V)
PS/2 mouse mode DATA, CLK input Current
Idc
0.56
-
1.86
mA
(pull up resistor)
(VIN=0V)
PS/2 mouse mode DATA, CLK low output voltage
Vprl
-
-
0.4
V
(Iprl=-2mA)
L, M, R, X1, X2, Y1, Y2 input leakage current
Iil
0
-
1.0
µA
(Vin=0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com