Electronic Components Datasheet Search
  English  ▼

X  

EM84502 Datasheet(PDF) 2 Page - ELAN Microelectronics Corp

Part # EM84502
Description  PS/2 MOUSE ENCODER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM84502 Datasheet(HTML) 2 Page - ELAN Microelectronics Corp

  EM84502 Datasheet HTML 1Page - ELAN Microelectronics Corp EM84502 Datasheet HTML 2Page - ELAN Microelectronics Corp EM84502 Datasheet HTML 3Page - ELAN Microelectronics Corp EM84502 Datasheet HTML 4Page - ELAN Microelectronics Corp EM84502 Datasheet HTML 5Page - ELAN Microelectronics Corp EM84502 Datasheet HTML 6Page - ELAN Microelectronics Corp EM84502 Datasheet HTML 7Page - ELAN Microelectronics Corp EM84502 Datasheet HTML 8Page - ELAN Microelectronics Corp EM84502 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
EM84502
PS/2 MOUSE CONTROLLER
2
* This specification are subject to be changed without notice.
6.18.1998
V
DD
Power
OP
I
X, Y inputs.
Floating : Comparator input.
GND : Schmitt trigger input.
Short to OSC OUT : Testing Mode.
OSCOUT
O
Clock output.
CLK
I/O
8042 auxiliary port CLK line.
DATA
I/O
8042 auxiliary port DATA line.
V
SS
Ground
R
I
Three key-switches exert seven different combinations totally. Both key-pressed
M
and key-released signals will be sent accomplanied with horizontal and vertical
L
state. The status of the key-switches will be preserved, whenever the value of
horizontal or vertical counters will present at DATA. And the debounce interval
for both key-press and key-release is 12 ms.
X1
I
Four photo-couple signals denote UP, DOWN, LEFT, and RIGHT state.
X2
During the scaning period, as long as the photo-couples change their states, the
Y1
value of vertical or horizontal counter will increase or decrease accordingly.
Y2
OSCR
I
30 Kohm
±5% pull low for 35 KHz oscillation.
FUNCTION DESCRIPTIONS
A) Operating mode
There are four operating modes in PS/2 mouse:
i). Reset Mode:
In this mode a self-test is initiated during power-on or by a Reset command. After reset signal, PS/2
mouse will send:
1). Completion code AA & ID code 00.
FUNCTIONAL BLOCK DIAGRAM
D
E
T
E
C
T
O
R
M
O
T
I
O
N
I
M
M
U
N
IT
Y
N
O
I
S
E
D
E
B
O
U
N
C
E
C
O
N
V
E
R
T
E
R
D
A
T
A
D
E
C
O
D
E
R
C
O
M
M
A
N
D
COUNTER
TIMING
CONTROLLER
DATA
I/O
SYSTEM
CLOCK
GENERATOR
OP
X1
X2
Y1
Y2
L
M
R
OSCR
OSC OUT
DATA
CLK
Symbol
I/O
Function
PIN DESCRIPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com