Electronic Components Datasheet Search
  English  ▼

X  

MPS5172 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # MPS5172
Description  NPN SILICON PLANAR AMPLIFIER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MPS5172 Datasheet(HTML) 2 Page - Continental Device India Limited

  MPS5172 Datasheet HTML 1Page - Continental Device India Limited MPS5172 Datasheet HTML 2Page - Continental Device India Limited MPS5172 Datasheet HTML 3Page - Continental Device India Limited MPS5172 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN SILICON PLANAR AMPLIFIER TRANSISTOR
MPS5172
TO-92
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNITS
SMALLL SIGNAL CHARACTERISTICS
Current Gain-Bandwith Product
fT
IC=2.0mA, VCE=5V
120
MHz
Collector Base Capacitance
Ccb
IE=0, VCB=0
f=1MHz
1.6
10
pF
Small Signal Current Gain
| hfe |
VCE =10V,IC=10mA
f=1KHZ
100
750
*Pulse Condition: = Width =300us, Duty Cycle = 2%.
E B
C
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com