Electronic Components Datasheet Search
  English  ▼

X  

MMSZ4685 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # MMSZ4685
Description  SILICON PLANAR ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MMSZ4685 Datasheet(HTML) 2 Page - Continental Device India Limited

  MMSZ4685 Datasheet HTML 1Page - Continental Device India Limited MMSZ4685 Datasheet HTML 2Page - Continental Device India Limited MMSZ4685 Datasheet HTML 3Page - Continental Device India Limited MMSZ4685 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SILICON PLANAR ZENER DIODES
MMSZ4685 - MMSZ4717
SOD-123
PLASTIC PCAKAGE
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
Forward Voltage at IF=10mA
VF <0.9
V
Tolerance +/- 5%
Type
Max Reverse
LeakageCurrent
Marking code
Nom
Min
Max
IR
V
V
V
µµA
MMSZ4705
18
17.10
18.90
0.05
DT
MMSZ4706
19
18.10
20.00
0.05
DU
MMSZ4707
20
19.00
21.00
0.01
DV
MMSZ4708
22
20.90
23.10
0.01
DA
MMSZ4709
24
22.80
25.20
0.01
DZ
MMSZ4710
25
23.80
26.30
0.01
DY
MMSZ4711
27
25.70
28.40
0.01
EA
MMSZ4712
28
26.60
29.40
0.01
EC
MMSZ4713
30
28.50
31.50
0.01
ED
MMSZ4714
33
31.40
34.70
0.01
EE
MMSZ4715
36
34.20
37.80
0.01
EF
MMSZ4716
39
37.10
41.00
0.01
EH
MMSZ4717
43
40.90
45.20
0.01
EJ
**Measured with device junction in thermal equilibrium
MMSZ4685_4717Rev090507E
22.8
25.0
27.3
29.6
16.7
Test Voltage
VR
V
32.6
**Zener VoltageVZ (V) at IZT=50µ
µA
18.2
19.0
20.4
21.2
13.6
14.4
15.2
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com