Electronic Components Datasheet Search
  English  ▼

X  

MMSZ4685 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # MMSZ4685
Description  SILICON PLANAR ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MMSZ4685 Datasheet(HTML) 1 Page - Continental Device India Limited

  MMSZ4685 Datasheet HTML 1Page - Continental Device India Limited MMSZ4685 Datasheet HTML 2Page - Continental Device India Limited MMSZ4685 Datasheet HTML 3Page - Continental Device India Limited MMSZ4685 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILICON PLANAR ZENER DIODES
MMSZ4685 - MMSZ4717
SOD-123
PLASTIC PCAKAGE
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
DESCRIPTION
UNIT
mW
Junction Temperature
ºC
Storage Temperature Range
ºC
*FR-4 or FR5 board with minimum recommended solder pad layout
Thermal Resistance Junction to Ambient Air
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
Forward Voltage at IF=10mA
VF <0.9
V
Tolerance +/- 5%
Type
Max Reverse
LeakageCurrent
Marking Code
Nom
Min
Max
IR
V
V
V
µµA
MMSZ4685
3.6
3.42
3.78
7.5
CM
MMSZ4686
3.9
3.71
4.10
5.0
CN
MMSZ4687
4.3
4.09
4.52
4.0
CP
MMSZ4688
4.7
4.47
4.94
10
CT
MMSZ4689
5.1
4.85
5.36
10
CU
MMSZ4690
5.6
5.32
5.88
10
CV
MMSZ4691
6.2
5.89
6.51
10
CA
MMSZ4692
6.8
6.46
7.14
10
CX
MMSZ4693
7.5
7.13
7.88
10
CY
MMSZ4694
8.2
7.79
8.61
1.0
CZ
MMSZ4695
8.7
8.27
9.14
1.0
DC
MMSZ4696
9.1
8.65
9.56
1.0
DD
MMSZ4697
10
9.50
10.50
1.0
DE
MMSZ4698
11
10.50
11.60
0.05
DF
MMSZ4699
12
11.40
12.60
0.05
DH
MMSZ4700
13
12.40
13.70
0.05
DJ
MMSZ4701
14
13.30
14.70
0.05
DK
MMSZ4702
15
14.30
15.80
0.05
DM
MMSZ4703
16
15.20
16.80
0.05
DN
MMSZ4704
17
16.20
17.90
0.05
DP
**Measured with device junction in thermal equilibrium
MMSZ4685_4717Rev090507E
Test Voltage
VR
V
2.0
5.1
5.7
6.2
6.6
6.9
7.6
11.4
12.1
SYMBOL
*Ptot
Tstg
VALUE
500
- 55 to + 150
150
Power Dissipation at TL=75ºC
TJ
4.0
5.0
*Rth (j-a)
340
2.0
2.0
3.0
3.0
8.4
9.1
9.8
10.6
12.9
**Zener VoltageVZ (V) at IZT=50µ
µA
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - MMSZ4685

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MMSZ4685 GE-MMSZ4685 Datasheet
40Kb / 2P
ZENER DIODES
logo
EIC discrete Semiconduc...
MMSZ4685 EIC-MMSZ4685 Datasheet
118Kb / 4P
ZENER DIODES
logo
TAITRON Components Inco...
MMSZ4685 TAITRON-MMSZ4685 Datasheet
156Kb / 6P
500mW Two Terminals SMD Zener Diodes
logo
Rectron Semiconductor
MMSZ4685 RECTRON-MMSZ4685 Datasheet
373Kb / 5P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
logo
Shenzhen Luguang Electr...
MMSZ4685 LUGUANG-MMSZ4685 Datasheet
421Kb / 3P
Zener Diodes
More results

Similar Description - MMSZ4685

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Zowie Technology Corpor...
MM3Z5221BH ZOWIE-MM3Z5221BH Datasheet
190Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z2V0 HTSEMI-MM1Z2V0 Datasheet
236Kb / 4P
SILICON PLANAR ZENER DIODES
MM3Z2V2B HTSEMI-MM3Z2V2B Datasheet
675Kb / 4P
Silicon Planar Zener Diodes
ZMM1 HTSEMI-ZMM1 Datasheet
1Mb / 8P
SILICON PLANAR ZENER DIODES
logo
Continental Device Indi...
BZX85C2V7 CDIL-BZX85C2V7 Datasheet
108Kb / 3P
SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com