Electronic Components Datasheet Search
  English  ▼

X  

EM84520FP Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # EM84520FP
Description  2-IN-ONE SCROLLING MOUSE CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM84520FP Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EM84520FP Datasheet HTML 2Page - ELAN Microelectronics Corp EM84520FP Datasheet HTML 3Page - ELAN Microelectronics Corp EM84520FP Datasheet HTML 4Page - ELAN Microelectronics Corp EM84520FP Datasheet HTML 5Page - ELAN Microelectronics Corp EM84520FP Datasheet HTML 6Page - ELAN Microelectronics Corp EM84520FP Datasheet HTML 7Page - ELAN Microelectronics Corp EM84520FP Datasheet HTML 8Page - ELAN Microelectronics Corp EM84520FP Datasheet HTML 9Page - ELAN Microelectronics Corp EM84520FP Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
EM84520
2-IN-ONE SCROLLING MOUSE CONTROLLER
6
* This specification are subject to be changed without notice.
6.28.1999
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
c). The counter accumulators are cleared after receiving any command except “Resend”.
d). EM84520 receives a Resend command ( FE ), it transmit its last packet of data.
e). In the stream mode “Resend” is received by EM84520 following a 3-byte data packet transmission
to the system. EM84520 resend the 3-byte data packet prior to clearing the counter.
f).
A response is sent within 25 ms if
a). The system requires a response
b). An error is detected in the transmission
g). If EM84520 is in the stream mode :
a). The system disables EM84520 before issuing any command requiring a response.
b). When a command requiring a response is issued by the system ,another command should not be issue
until either the response is received or 25ms has passed.
E). PS/2 Mouse Commands Description:
There are 16 valid commands that transmits between the system and EM84520. The “FA” code is always the
first response to any valid input received from the system other than a Set Wrap Mode or Resend command.
The following table list the commands:
Hex Code
Command
EM84520 echo code
FF
Reset
FA,AA,00
FE
Resend
XX,(XX,XX)
F6
Set Default
FA
F5
Disable
FA
F4
Enable
FA
F3,XX
Set Sampling Rate
FA,FA
F2
Read Device Type
FA,00
F0
Set Remote Mode
FA
EE
Set Wrap Mode
FA
EC
Reset Wrap Mode
FA
EB
Read Data
FA,XX,XX,XX
EA
Set Stream Mode
FA
E9
Status Request
FA,XX,XX,XX
E8,XX
Set Resolution
FA,FA
E7
Set Auto-speed
FA
E6
Reset Auto-speed
FA
The following describes valid commands:
a). Reset ( FF )
EM84520 operation:
a). Completion the reset.
b). Transmitted FA, AA, 00 to the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com