Electronic Components Datasheet Search
  English  ▼

X  

EM84520FP Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM84520FP
Description  2-IN-ONE SCROLLING MOUSE CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM84520FP Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM84520FP Datasheet HTML 9Page - ELAN Microelectronics Corp EM84520FP Datasheet HTML 10Page - ELAN Microelectronics Corp EM84520FP Datasheet HTML 11Page - ELAN Microelectronics Corp EM84520FP Datasheet HTML 12Page - ELAN Microelectronics Corp EM84520FP Datasheet HTML 13Page - ELAN Microelectronics Corp EM84520FP Datasheet HTML 14Page - ELAN Microelectronics Corp EM84520FP Datasheet HTML 15Page - ELAN Microelectronics Corp EM84520FP Datasheet HTML 16Page - ELAN Microelectronics Corp EM84520FP Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
EM84520
2-IN-ONE SCROLLING MOUSE CONTROLLER
13
* This specification are subject to be changed without notice.
6.28.1999
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
Serial mouse mode :
Parameters
Sym.
Min.
Typ.
Max.
Unit
Oscillating Frequency
Fosc
32.4-3%
32.4
32.4+3%
KHz
Key Debounce
Tkd
-
13
-
ms
Rising Edge Crossed Width
Tr
15.4
-
-
us
Falling Edge Crossed Width
Tf
15.4
-
-
us
Transmission Time
Tmx
-
33.33
-
ms
Start bit Time
Ts
-
833.3
-
us
Data bit time
Td
-
833.3
-
us
Stop bit Time
Tp
-
833.3
-
us
Mode code delay Time
Trd
11
-
14
ms
X1, X2,Y1,Y2, Z1, Z2 (photo mode) Input Impedance
5.0
4.0
3.0
2.0
1.0
10.0M
0
1.0K
2.0K
3.0K
4.0K
5.0K
6.0K
7.0K
8.0K
9.0K
10.0.K
11.0K
12.0K
13.0K
14.0K
VOLTS (LIN)
15.0K
16.0K
Max.
Typ.
Min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com