Electronic Components Datasheet Search
  English  ▼

X  

EM91240C Datasheet(PDF) 5 Page - ELAN Microelectronics Corp

Part # EM91240C
Description  TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM91240C Datasheet(HTML) 5 Page - ELAN Microelectronics Corp

  EM91240C Datasheet HTML 1Page - ELAN Microelectronics Corp EM91240C Datasheet HTML 2Page - ELAN Microelectronics Corp EM91240C Datasheet HTML 3Page - ELAN Microelectronics Corp EM91240C Datasheet HTML 4Page - ELAN Microelectronics Corp EM91240C Datasheet HTML 5Page - ELAN Microelectronics Corp EM91240C Datasheet HTML 6Page - ELAN Microelectronics Corp EM91240C Datasheet HTML 7Page - ELAN Microelectronics Corp EM91240C Datasheet HTML 8Page - ELAN Microelectronics Corp EM91240C Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
EM91240 SERIES
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
5
* This specification are subject to be changed without notice.
10.1.1997
pager, Memory and other system applications.
Storing : EM91240 series support two operating methods to store numbers into SAVE redial memory.
Method 1
• To select Pulse or Tone mode.
• Off-hook (or turn on HF function), push d1, d2, .. , dn. The numbers d1, d2, .. , dn will be dialed out in Pulse
or Tone mode as selection.
• After dn had been dialed out and push [ST], Save key. If the keying numbers are more than 32 digits that
content of SAVE memory can not be updated. Otherwise, these numbers will be stored into SAVE memory.
In the [] key allows to be omitted.
Method 2
Off-hook (or turn on HF function), push ST, d1, d2, .. , dn, [ST], Save. If the keying numbers are not over 32
digits, the numbers d1, d2, .. , dn will be stored in SAVE redial memory automatically.
Dialing :
• To select Pulse or Tone mode.
• Off-hook (or turn on HF function), push Save key. The numbers stored in SAVE memory will be dialed out
in Pulse or Tone mode as selection.
Repertory memory
The EM91240 series incorporated several sets repertory memory and each one can store number up to 16 digits.
In memory storing, if stored numbers are more than 16 digits that only the previous 16 digits can be stored into
specific memory. Otherwise, these numbers can be stored entirely. After memory dialed out, the content of
LNB is keeping to current data.
Storing of 40 sets memory
Indirect (three-touch) operation
Off-hook (or turn on HF function), push ST, d1, d2, .. , dn, ST, n, n. The numbers d1, d2, .. , dn will be stored
into memory location “n n”. The “n n” expressed digital number from 01 to 40.
Dialing (after memory dialed out, the content of LNB is keeping to current data)
Indirect (three-touch) memory
• To select Pulse or Tone mode.
• Off-hook (or Turn on HF function), push A, n , n key. The numbers that are stored in indirect memory
location “n n” will be dialed out in Pulse or Tone mode as selection . The “n n” expressed digital number
from 01 to 40.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com