Electronic Components Datasheet Search
  English  ▼

X  

EM91240C Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # EM91240C
Description  TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM91240C Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

Back Button EM91240C Datasheet HTML 5Page - ELAN Microelectronics Corp EM91240C Datasheet HTML 6Page - ELAN Microelectronics Corp EM91240C Datasheet HTML 7Page - ELAN Microelectronics Corp EM91240C Datasheet HTML 8Page - ELAN Microelectronics Corp EM91240C Datasheet HTML 9Page - ELAN Microelectronics Corp EM91240C Datasheet HTML 10Page - ELAN Microelectronics Corp EM91240C Datasheet HTML 11Page - ELAN Microelectronics Corp EM91240C Datasheet HTML 12Page - ELAN Microelectronics Corp EM91240C Datasheet HTML 13Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
EM91240 SERIES
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
9
* This specification are subject to be changed without notice.
10.1.1997
ELECTRICAL CHARACTERISTICS
(Ambient temperature is 25
°C, V
DD=2.5V unless otherwise noted, all voltages referenced to VSS, Fosc=3.579545 MHz)
Parameter
Sym.
Min.
Typ.
Max.
Unit
Condition
Operating voltage
Pulse
2.0
-
5.5
V
unload
Tone
2.0
-
5.5
Operating current(HKS=0)
Pulse
Idd
-
0.15
0.3
unload
Tone
-
0.3
0.5
mA
Pulse
-
0.15
0.3
with pull up/down
Tone
-
0.3
0.5
resistor * 8
Memory retention current
Imrt
-
0.001
0.1
uA
HKS=1,Vdd=1V
Standby current
HKS=1
Istby
-
0.001
0.1
unload
HKS=0
-
1
10
uA
HKS=1
-0.001
0.1
with pull up/down
HKS=0
-
10
30
resistor * 8
HKS, HFI
ViH
0.8Vdd
-
Vdd
V
pins: input voltage
ViL
Vss
-
0.2Vdd
HFO & PM pins source current
IoH
0.2
-
-
mA
Vo = 2.0 V
PO, HFO, XMUTE,
IoL
-0.2
-
-
mA
Vo = 0.5 V
& PM, SDO pins: sink current
PO, XMUTE and SDO
IoH
-
-
±0.001 uA
Vo = Vdd
pins: leakage current
HFI pin input resistance
Rhfi
-
200
-
K
Ω Vhfi = Vss
Keyboard scanning pins
IoH
2
10
50
uA
Vksn=Vss
output current (except COL4/KT)
IoL
200
400
800
Vksn=Vdd
COL4/KT source current
IoH
0.2
-
-
mA
Vo=2.0V
sink current
IoL
0.2
-
-
Vo=0.5V
ABSOLUTE MAXIMUM RATINGS(Ambient temperature is 25
°C, all voltages referenced to V
SS)
Items
Sym.
Rating
Unit
Power supply voltage
V
DD
6.0 Vdc
V
Input voltage range
V
IN
V
SS
-0.3V ~ V
DD
+0.3V
V
Operating temperature
T
OPR
0~ +50
°C
Storage temperature
T
STO
-55 ~ 125
°C
Power consumption
P
D
500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com