Electronic Components Datasheet Search
  English  ▼

X  

EM91240AP Datasheet(PDF) 4 Page - ELAN Microelectronics Corp

Part # EM91240AP
Description  TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM91240AP Datasheet(HTML) 4 Page - ELAN Microelectronics Corp

  EM91240AP Datasheet HTML 1Page - ELAN Microelectronics Corp EM91240AP Datasheet HTML 2Page - ELAN Microelectronics Corp EM91240AP Datasheet HTML 3Page - ELAN Microelectronics Corp EM91240AP Datasheet HTML 4Page - ELAN Microelectronics Corp EM91240AP Datasheet HTML 5Page - ELAN Microelectronics Corp EM91240AP Datasheet HTML 6Page - ELAN Microelectronics Corp EM91240AP Datasheet HTML 7Page - ELAN Microelectronics Corp EM91240AP Datasheet HTML 8Page - ELAN Microelectronics Corp EM91240AP Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
EM91240 SERIES
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
4
* This specification are subject to be changed without notice.
10.1.1997
FUNCTION DESCRIPTIONS
Dialing signal selection
The EM91240 series incorporated a special keyboard scanning function that is connecting a resistor (typically
is 560 Kohms) on keyboard scan pin to select many telephone specifications. The specifications are described
as following :
a. Mode
b. M/B ratio
ROW1
Mode
ROW2
MBR (%)
R-Vdd
20 PPS
NR
40:60
NR
Tone
R-Vss
33:66
R-Vss
10 PPS
c. Flash time
d. DTMF signal
ROW3
ROW4
Tf (ms)
COL1
Td (ms)
Titp (ms)
NR
NR
600
R-Vdd
90
90
NR
R-Vss
100
NR
98
98
R-Vss
NR
80
R-Vss
83
83
R-Vss
R-Vss
300
e. Pause time and P-T wait time
f. Keyboard operate type
COL2
Tp (sec)
Tpt (ms)
COL3
Type
NR
3.6
3.6
NR
A
R-Vss
2.0
2.0
R-Vss
B
Normal dialing
Directly keying digital key on keyboard which number can be dialing output and stored in LNB memory
automatically. Operating procedure described as follow :
• To select Pulse or Tone mode.
• Off-hook or turn on HF function.
• Keying d1, d2, .. , dn. The “d” expressed digital keypad that included 1~9, *, 0, #, P, and P
→T keys. The “n”
expressed unlimited.
• The numbers d1, d2, .. , dn will be dialed out in Pulse or Tone mode as selection.
LNB redial memory
Storing:
In normal dialing mode, every digital key was entry which number will be stored in LNB memory
automatically. If entry digits are more than 32 digits, the redial function of LNB memory will be disabled.
Otherwise, these numbers stored in LNB memory can be redial output.
Redialing:
After normal dialing, directly keying F key (or On-Off hook once) and keying RD key on keyboard. The
numbers that are stored into LNB memory will be dialed output.
SAVE redial memory
The SAVE meomry is designed in EM91240 series to support 32 digits capacity buffer for second redial,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com