Electronic Components Datasheet Search
  English  ▼

X  

EM91240AP Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM91240AP
Description  TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM91240AP Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM91240AP Datasheet HTML 9Page - ELAN Microelectronics Corp EM91240AP Datasheet HTML 10Page - ELAN Microelectronics Corp EM91240AP Datasheet HTML 11Page - ELAN Microelectronics Corp EM91240AP Datasheet HTML 12Page - ELAN Microelectronics Corp EM91240AP Datasheet HTML 13Page - ELAN Microelectronics Corp EM91240AP Datasheet HTML 14Page - ELAN Microelectronics Corp EM91240AP Datasheet HTML 15Page - ELAN Microelectronics Corp EM91240AP Datasheet HTML 16Page - ELAN Microelectronics Corp EM91240AP Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
EM91240 SERIES
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
13
* This specification are subject to be changed without notice.
10.1.1997
Figure 6. Pulse to Tone (P
→T) operating timing
Figure 5. Pause key operating timing
Tidp
Tidp
Tp
2
RD/P
3
HKS
KEY IN
KT
XMUTE
PM
SDO
PO
DTMF
OSC.
Hi-impedance
Tpt
PO
HKS
KEY IN
KT
XMUTE
PM
SDO
DTMF
OSC.
2
*/T
34
Hi-impedance
HKS
KEY IN
KT
XMUTE
PM
SDO
PO
DTMF
OSC.
Tdb
Tf
Tfp=300ms
Hi-impedance
F
Figure 7. Flash key operating timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com