Electronic Components Datasheet Search
  English  ▼

X  

EM91850 Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # EM91850
Description  TONE/PULSE DIALER WITH HF, HD, REDIAL AND VOLUME CONTROL FUNCTION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM91850 Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EM91850 Datasheet HTML 3Page - ELAN Microelectronics Corp EM91850 Datasheet HTML 4Page - ELAN Microelectronics Corp EM91850 Datasheet HTML 5Page - ELAN Microelectronics Corp EM91850 Datasheet HTML 6Page - ELAN Microelectronics Corp EM91850 Datasheet HTML 7Page - ELAN Microelectronics Corp EM91850 Datasheet HTML 8Page - ELAN Microelectronics Corp EM91850 Datasheet HTML 9Page - ELAN Microelectronics Corp EM91850 Datasheet HTML 10Page - ELAN Microelectronics Corp EM91850 Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
* This specification are subject to be changed without notice.
4.28.1999
EM91850
TONE/PULSE DIALER WITH HF, HD, REDIAL
AND VOLUME CONTROL FUNCTION
Preliminary
Volume add function
EM91850 provide Volume Add function to control the speech network for adding the receiving volume. Except
idle On-Hook state, Volume add function will working effect no matter what state is. Volume add function are
toggle structure. Every time touch VA key will inverter the VAO pin condition ( H
→L→H→L→.....). So Volume
add will active or release each time keying VA. If and only if, when dialer back to the idle On_Hook state then
the Volume add function will force to release. This solution protect the user will not be hurt by loud volume.
Although Volume add state will not change by Off_Hook or HF operation but if dialer are in HF mode then
Volume add outpout (VAO) will be inhibited.
Noted : Except dialer back to idle state, any other operate will not reset volume add situation ( include HD,
HF , Flash ..... , and so on ). So volume add situation will be hold until dialer back to idle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com