Electronic Components Datasheet Search
  English  ▼

X  

EM91850 Datasheet(PDF) 1 Page - ELAN Microelectronics Corp

Part # EM91850
Description  TONE/PULSE DIALER WITH HF, HD, REDIAL AND VOLUME CONTROL FUNCTION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM91850 Datasheet(HTML) 1 Page - ELAN Microelectronics Corp

  EM91850 Datasheet HTML 1Page - ELAN Microelectronics Corp EM91850 Datasheet HTML 2Page - ELAN Microelectronics Corp EM91850 Datasheet HTML 3Page - ELAN Microelectronics Corp EM91850 Datasheet HTML 4Page - ELAN Microelectronics Corp EM91850 Datasheet HTML 5Page - ELAN Microelectronics Corp EM91850 Datasheet HTML 6Page - ELAN Microelectronics Corp EM91850 Datasheet HTML 7Page - ELAN Microelectronics Corp EM91850 Datasheet HTML 8Page - ELAN Microelectronics Corp EM91850 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
* This specification are subject to be changed without notice.
4.28.1999
EM91850
TONE/PULSE DIALER WITH HF, HD, REDIAL
AND VOLUME CONTROL FUNCTION
Preliminary
GENERAL DESCRIPTION
The EM91850 are tone/pulse switchable dialer with Last Number Redail (LNB) and SAVE function, which are
fabricate in CMOS technology with wide operating voltage for both tone and pulse mode. EM91850 consumes very
low memory retention current in on hook state. The EM91850 provide necessary functions of telephone set for
application in any environment, such as pulse dialing, tone (DTMF) dialing, handfree dialing. Beside this, hold , mute
and redial function are provide for particular operation. In redial mode EM91850 can auto insert pause
time for
application in PABX system. EM91850 also have a special I/O pin - VAO can used tocontrol the receive volume
amplify circuit.
FEATURES
• Volume add Control Function.
• One key Redial Function.
• Flash key is available and have multiple Flash time ( 600 ms, 300 ms, 100 ms ) can be selected.
• Auto Insert Pause Time.
• Tone/Pulse Switchable.
• Pulse mode fixed 10PPS.
• Pulse to tone ( P
→T ) key is provided for PABX operation.
• Many options can be selected by R option.
Mode ( Pulse, Tone )
M/B ratio ( 40:60 ; 33:66 )
Auto insert pause time ( enable ; disable )
• One set 32 digits SAVE function.
• One set 32 digits LNB redial function.
• Mixed and cascaded dialing.
• Hold and Mute function.
• Hand Free dialing.
• Tone duration and inter -tone pause are fixed at 90 ms.
• Flash pause time are fixed at 600 ms.
• Pulse to Tone pause time are fixed at 3.6sec.
• Uses 3.579545 MHz crystal or ceramic resonator (with built-in capacitor, no need extra capacitor).
• Package in DIP 16.
Total System
• Operating voltage : 2.0V ~ 5.5V
• Operating current : Tone mode 0.3 mA (typical) ~ 0.5 mA
Pulse mode 0.15 mA (typical) ~ 0.2 mA
• Standby current : 0.01 uA ( typical ) 0.1 uA (max.)
• Use single clock 3.579545 MHz crystal


Similar Part No. - EM91850

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM91810A EMC-EM91810A Datasheet
172Kb / 18P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91810B EMC-EM91810B Datasheet
172Kb / 18P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91865 EMC-EM91865 Datasheet
134Kb / 20P
13 MEMORY TONE/PULSE DIALER WITH HF, HD, REDIAL AND VOLUME CONTROL FUNCTION
EM91865A EMC-EM91865A Datasheet
134Kb / 20P
13 MEMORY TONE/PULSE DIALER WITH HF, HD, REDIAL AND VOLUME CONTROL FUNCTION
EM91865B EMC-EM91865B Datasheet
134Kb / 20P
13 MEMORY TONE/PULSE DIALER WITH HF, HD, REDIAL AND VOLUME CONTROL FUNCTION
More results

Similar Description - EM91850

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS58006 SAMSUNG-KS58006 Datasheet
101Kb / 8P
TONE/PULSE DIALER WITH REDIAL
logo
Winbond
W91210 WINBOND-W91210 Datasheet
202Kb / 11P
TONE/PULSE DIALER WITH REDIAL FUNCTION
W91310 WINBOND-W91310 Datasheet
211Kb / 12P
TONE/PULSE DIALER WITH REDIAL FUNCTION
W91610 WINBOND-W91610 Datasheet
159Kb / 12P
TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION
W91630 WINBOND-W91630 Datasheet
181Kb / 14P
10-MEMORY TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
ELAN Microelectronics C...
EM91865 EMC-EM91865 Datasheet
134Kb / 20P
13 MEMORY TONE/PULSE DIALER WITH HF, HD, REDIAL AND VOLUME CONTROL FUNCTION
logo
Winbond
W91312N WINBOND-W91312N Datasheet
109Kb / 11P
TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Silan Microelectronics ...
SC9102D SILAN-SC9102D Datasheet
179Kb / 16P
TONE/PULSE DIALER WITH REDIAL FUNCTION
SC91316 SILAN-SC91316 Datasheet
118Kb / 14P
TONE / PULSE DIALER WITH REDIAL FUNCTION
logo
Unisonic Technologies
U9131X UTC-U9131X Datasheet
235Kb / 11P
TONE/PULSE DIALER WITH REDIAL FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com