Electronic Components Datasheet Search
  English  ▼

X  

IRF3707S Datasheet(PDF) 1 Page - International Rectifier

Part # IRF3707S
Description  High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3707S Datasheet(HTML) 1 Page - International Rectifier

  IRF3707S Datasheet HTML 1Page - International Rectifier IRF3707S Datasheet HTML 2Page - International Rectifier IRF3707S Datasheet HTML 3Page - International Rectifier IRF3707S Datasheet HTML 4Page - International Rectifier IRF3707S Datasheet HTML 5Page - International Rectifier IRF3707S Datasheet HTML 6Page - International Rectifier IRF3707S Datasheet HTML 7Page - International Rectifier IRF3707S Datasheet HTML 8Page - International Rectifier IRF3707S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.irf.com
1
8/22/00
IRF3707
IRF3707S
SMPS MOSFET
HEXFET® Power MOSFET
Benefits
l Ultra-Low Gate Impedance
l Very Low RDS(on)
l Fully Characterized Avalanche Voltage
and Current
VDSS
RDS(on) max
ID
30V
12.5m
Ω
62A
Notes
 through „ are on page 10
Absolute Maximum Ratings
Symbol
Parameter
Max.
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-to-Source Voltage
± 20
V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
62
ID @ TC = 70°C
Continuous Drain Current, VGS @ 10V
52
A
IDM
Pulsed Drain Current

248
PD @TC = 25°C
Maximum Power Dissipation
ƒ
87
W
PD @TC = 70°C
Maximum Power Dissipation
ƒ
61
W
Linear Derating Factor
0.59
mW/°C
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 175
°C
* When mounted on 1" square PCB (FR-4 or G-10 Material) .
For recommended footprint and soldering techniques refer to application note #AN-994
D2Pak
IRF3707S
TO-220AB
IRF3707
TO-262
IRF3707L
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.73
RθCS
Case-to-Sink, Flat, Greased Surface
„
0.50
–––
°C/W
RθJA
Junction-to-Ambient
„
–––
62
RθJA
Junction-to-Ambient (PCB mount)*
–––
40
IRF3707L
l High Frequency DC-DC Isolated
Converters with Synchronous Rectification
for Telecom and Industrial use
Applications
l High Frequency Buck Converters for
Computer Processor Power
PD - 93937B


Similar Part No. - IRF3707S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3707S IRF-IRF3707S Datasheet
143Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=62A)
IRF3707SPBF IRF-IRF3707SPBF Datasheet
278Kb / 10P
HEXFET Power MOSFET
IRF3707SPBF IRF-IRF3707SPBF Datasheet
287Kb / 11P
High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF3707STRRPBF IRF-IRF3707STRRPBF Datasheet
287Kb / 11P
High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
More results

Similar Description - IRF3707S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7458TRPBF IRF-IRF7458TRPBF Datasheet
135Kb / 8P
High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3711STRL IRF-IRF3711STRL Datasheet
275Kb / 12P
High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3706PBF IRF-IRF3706PBF Datasheet
365Kb / 12P
High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3711STRLPBF IRF-IRF3711STRLPBF Datasheet
292Kb / 12P
High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRFR3704TRLPBF IRF-IRFR3704TRLPBF Datasheet
226Kb / 10P
High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
IRFR3711TRPBF IRF-IRFR3711TRPBF Datasheet
237Kb / 11P
High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRLR3715TRRPBF IRF-IRLR3715TRRPBF Datasheet
277Kb / 11P
High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3704STRLPBF IRF-IRF3704STRLPBF Datasheet
270Kb / 11P
High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF3707STRRPBF IRF-IRF3707STRRPBF Datasheet
287Kb / 11P
High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF7457PBF IRF-IRF7457PBF_15 Datasheet
182Kb / 8P
High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com