Electronic Components Datasheet Search
  English  ▼

X  

IRF3707S Datasheet(PDF) 10 Page - International Rectifier

Part # IRF3707S
Description  High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3707S Datasheet(HTML) 10 Page - International Rectifier

Back Button IRF3707S Datasheet HTML 3Page - International Rectifier IRF3707S Datasheet HTML 4Page - International Rectifier IRF3707S Datasheet HTML 5Page - International Rectifier IRF3707S Datasheet HTML 6Page - International Rectifier IRF3707S Datasheet HTML 7Page - International Rectifier IRF3707S Datasheet HTML 8Page - International Rectifier IRF3707S Datasheet HTML 9Page - International Rectifier IRF3707S Datasheet HTML 10Page - International Rectifier IRF3707S Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IRF3707/3707S/3707L
10
www.irf.com
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR EUROPEAN REGIONAL CENTRE: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111
IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 (0)838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673 Tel: 886-(0)2 2377 9936
Data and specifications subject to change without notice. 8/00
 Repetitive rating; pulse width limited by
max. junction temperature.
Notes:
‚ Starting TJ = 25°C, L = 0.7 mH
RG = 25Ω, IAS = 24.8 A.
ƒ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Dimensions are shown in millimeters (inches)
D2Pak Tape & Reel Information
3
4
4
TR R
F E E D DIREC T IO N
1.85 (.073)
1.65 (.065)
1.60 (.063)
1.50 (.059)
4.10 ( .161)
3.90 ( .153)
TR L
F E E D DIR E CT IO N
10 .9 0 (.42 9)
10 .7 0 (.42 1)
16 .1 0 (.63 4)
15 .9 0 (.62 6)
1.75 (.0 69 )
1.25 (.0 49 )
11.60 (.457 )
11.40 (.449 )
15 .4 2 (.60 9)
15 .2 2 (.60 1)
4.72 (.13 6)
4.52 (.17 8)
24.30 (.95 7)
23.90 (.94 1)
0 .3 68 (.0 145 )
0 .3 42 (.0 135 )
1.60 (.06 3)
1.50 (.05 9)
13.50 (.532)
12.80 (.504)
33 0.00
(14.173)
MAX .
27.40 (1.079)
23.90 (.941)
60.00 (2.362)
M IN.
30.40 (1.197)
MA X.
26.40 (1.039)
24.40 (.961)
NO TE S :
1. CO MF OR M S TO EIA-418.
2. CO N TRO LLIN G DIM ENSIO N : MILLIM ET ER .
3. DIM ENS ION MEAS URED @ HU B.
4. INC LUD ES FLAN GE DIS TO RTIO N @ OU TER ED G E.
„ This is only applied to TO-220AB package



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com