Electronic Components Datasheet Search
  English  ▼

X  

UDZ11B Datasheet(PDF) 2 Page - Diodes Incorporated

Part # UDZ11B
Description  SURFACE MOUNT PRECISION ZENER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UDZ11B Datasheet(HTML) 2 Page - Diodes Incorporated

  UDZ11B Datasheet HTML 1Page - Diodes Incorporated UDZ11B Datasheet HTML 2Page - Diodes Incorporated UDZ11B Datasheet HTML 3Page - Diodes Incorporated UDZ11B Datasheet HTML 4Page - Diodes Incorporated UDZ11B Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UDZ3V6B-UDZ15B
Document number: DS30290 Rev. 15 - 2
2 of 5
www.diodes.com
December 2013
© Diodes Incorporated
UDZ3V6B-UDZ15B
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 6)
PD
200
mW
Thermal Resistance Junction to Ambient Air (Note 6)
RJA
625
C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Type
Number
Marking
Code
Zener Voltage Range
(Note 7)
Maximum Zener Impedance
(Note 8)
Maximum Reverse Current
(Note 7)
VZT @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR
VR
Min (V)
Max (V)
mA
Ω
mA
uA
V
UDZ3V6B
(Note 9)
B7
3.600
3.845
5
100
1000
1.0
10
1.0
UDZ3V9B
(Note 9)
B8
3.890
4.160
5
100
1000
1.0
5
1.0
UDZ4V3B
(Note 9)
B9
4.170
4.430
5
100
1000
1.0
5
1.0
UDZ4V7B
(Note 9)
BA
4.550
4.750
5
100
800
0.5
2
1.0
UDZ5V1B
(Note 9)
BB
4.980
5.200
5
80
500
0.5
2
1.5
UDZ5V6B
BC
5.490
5.730
5
60
200
0.5
1
2.5
UDZ6V2B
BD
6.060
6.330
5
60
100
0.5
1
3.0
UDZ6V8B
BE
6.650
6.930
5
40
60
0.5
0.5
3.5
UDZ7V5B
(Note 9)
BF
7.280
7.600
5
30
60
0.5
0.5
4.0
UDZ8V2B
BG
8.020
8.360
5
30
60
0.5
0.5
5.0
UDZ9V1B
BH
8.850
9.230
5
30
60
0.5
0.5
6.0
UDZ10B
BI
9.770
10.210
5
30
60
0.5
0.1
7.0
UDZ11B
BJ
10.760
11.220
5
30
60
0.5
0.1
8.0
UDZ12B
BK
11.740
12.240
5
30
80
0.5
0.1
9.0
UDZ13B
BL
12.910
13.490
5
37
80
0.5
0.1
10.0
UDZ15B
BM
14.340
14.980
5
42
80
0.5
0.1
11.0
Notes:
6. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
7. Short duration pulse test used to minimize self-heating effect.
8. The Zener impedances (ZZT, ZZK) are measured by superimposing a minute alternating current on the regulated current (IZ).
9. AEC-Q101 qualified



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com