Electronic Components Datasheet Search
  English  ▼

X  

UDZ11B Datasheet(PDF) 3 Page - Diodes Incorporated

Part # UDZ11B
Description  SURFACE MOUNT PRECISION ZENER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UDZ11B Datasheet(HTML) 3 Page - Diodes Incorporated

  UDZ11B Datasheet HTML 1Page - Diodes Incorporated UDZ11B Datasheet HTML 2Page - Diodes Incorporated UDZ11B Datasheet HTML 3Page - Diodes Incorporated UDZ11B Datasheet HTML 4Page - Diodes Incorporated UDZ11B Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UDZ3V6B-UDZ15B
Document number: DS30290 Rev. 15 - 2
3 of 5
www.diodes.com
December 2013
© Diodes Incorporated
UDZ3V6B-UDZ15B
200
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Derating Curve
A
100
50
150
0
250
0
120
200
Note 6
40
80
160
R
= 625°C/W
JA
0
0.2
0.4
0.6
0.8
1.2
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
100
10
1.0
0.1
0.01
1,000
1m
100n
10m
100m
4.0
6.0
8.0
10.0
V , ZENER VOLTAGE (V)
Fig. 3 Typical Zener Breakdown Characteristics,
UDZ3V6B - UDZ8V2B
Z
5.0
7.0
9.0
2.0 3.0
1.0
0.0
8.0
10.0
12.0
14.0
V , ZENER VOLTAGE (V)
Fig. 4 Typical Zener Breakdown Characteristics,
UDZ10B - UDZ13B
Z
9.0
11.0
13.0
1m
100n
10m
100m
10
16
20
V , ZENER VOLTAGE (V)
Fig. 5 Typical Zener Breakdown Characteristics, UDZ15B
Z
12
14
18
0.1
10
100
0
5
10
15
20
25
30
46
8
10
12
14
16
T = 25°C
A
0V Bias
1V Bias
2V Bias
V , NOMINAL ZENER VOLTAGE (V)
Fig. 6 Typical Total Capacitance
vs. Nominal Zener Voltage
Z



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com