Electronic Components Datasheet Search
  English  ▼

X  

TDA7110F Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TDA7110F
Description  434 MHz ASK/FSK Transmitter in 10-pin Package
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA7110F Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TDA7110F Datasheet HTML 5Page - Infineon Technologies AG TDA7110F Datasheet HTML 6Page - Infineon Technologies AG TDA7110F Datasheet HTML 7Page - Infineon Technologies AG TDA7110F Datasheet HTML 8Page - Infineon Technologies AG TDA7110F Datasheet HTML 9Page - Infineon Technologies AG TDA7110F Datasheet HTML 10Page - Infineon Technologies AG TDA7110F Datasheet HTML 11Page - Infineon Technologies AG TDA7110F Datasheet HTML 12Page - Infineon Technologies AG TDA7110F Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Data Sheet
9
V 1.0, 2009-02-26
TDA7110F
Functional Description
5
COSC
This pin is connected to the
reference oscillator circuit.
The reference oscillator is working
as a negative impedance
converter. It presents a negative
resistance in series to an
inductance at the COSC pin.
6
ASKDTA
Digital amplitude modulation can
be imparted to the Power Amplifier
through this pin.
A logic high (ASKDTA > 1.5 V or
open) enables the Power
Amplifier.
A logic low (ASKDTA < 0.5 V)
disables the Power Amplifier.
Pin
No.
Symbol
Interface Schematic
Function
6 k
Ω
5
100
μA
V
S
V
S
+1.2 V
90 k
Ω
6
2.3 pF
30
μA
60 k
Ω
+1.1 V
V
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com