Electronic Components Datasheet Search
  English  ▼

X  

TDA7110F Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TDA7110F
Description  434 MHz ASK/FSK Transmitter in 10-pin Package
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA7110F Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TDA7110F Datasheet HTML 17Page - Infineon Technologies AG TDA7110F Datasheet HTML 18Page - Infineon Technologies AG TDA7110F Datasheet HTML 19Page - Infineon Technologies AG TDA7110F Datasheet HTML 20Page - Infineon Technologies AG TDA7110F Datasheet HTML 21Page - Infineon Technologies AG TDA7110F Datasheet HTML 22Page - Infineon Technologies AG TDA7110F Datasheet HTML 23Page - Infineon Technologies AG TDA7110F Datasheet HTML 24Page - Infineon Technologies AG TDA7110F Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Data Sheet
21
V 1.0, 2009-02-26
TDA7110F
Applications
3.3
Bill of Material (50 Ohm-Output Evalboard)
Reference
Value
Specification
R1
open
R2
open
R3
4k7
0603, +/-5%
R4
12k
0603, +/-5%
R5
open
R6
15k
0603, +/-5%
R7
open
C1
10p
0603, C0G, +/-1%
C2
6p8
0603, C0G, +/-0.1p
C3
open
C4
open
C5
100p
0603, X7R, +/-10%
C6
10p
0603, C0G, +/-1%
C7
39p
0603, C0G, +/-1%
C8
1n
0603, C0G, +/-5%
C9
3p9
0603, C0G, +/-0.1p
C10
47n
0603, X7R, +/-10%
L1
39n
EPCOS SIMID 0603-C, +/-2%
L2
100n
EPCOS SIMID 0603-C, +/-2%
X1
n.e.
X2
n.e.
X3
Pin
single-pole connector, 2.54 mm
X4
Pin
single-pole connector, 2.54 mm
X5
SMA-connector
X6
SMA-connector
X7
n.e.
JP1
solder bridge
in position “XTAL”
JP2
solder bridge
in position “FSK”
Q1
13.56875 MHz, CL=12pF
Tokyo Denpa TSS-3B 13.56875 MHz
Spec. No. 10-50205
IC1
TDA7110F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com