Electronic Components Datasheet Search
  English  ▼

X  

PBL38582/1SOS Datasheet(PDF) 2 Page - Ericsson

Part # PBL38582/1SOS
Description  Telephone Line interface circuit for DECT, DAM, CT Unisolated or Isolated
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL38582/1SOS Datasheet(HTML) 2 Page - Ericsson

  PBL38582/1SOS Datasheet HTML 1Page - Ericsson PBL38582/1SOS Datasheet HTML 2Page - Ericsson PBL38582/1SOS Datasheet HTML 3Page - Ericsson PBL38582/1SOS Datasheet HTML 4Page - Ericsson PBL38582/1SOS Datasheet HTML 5Page - Ericsson PBL38582/1SOS Datasheet HTML 6Page - Ericsson PBL38582/1SOS Datasheet HTML 7Page - Ericsson PBL38582/1SOS Datasheet HTML 8Page - Ericsson PBL38582/1SOS Datasheet HTML 9Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
PBL 385 82
Figure 2. Test set up without
rectifier bridge.
Figure 3. Test set up with rectifier
bridge.
Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Line voltage, t
p = 2 s
V
L
018
V
Line current, continuous DIP
I
L
0
130
mA
Line current, continuous SO-20 package
I
L
0
100
mA
Line current, continuous SO-16 package
I
L
PBL 38582/2
0
70
mA
Operating temperature range
T
Amb
-40
+70
°C
Storage temperature range
T
Stg
-55
+125
°C
No input should be set on higher level than pin 15.(+C)
Figure 4. Circuit with external
components for test set up.
R1 = 6.2 k
R2 = 62 k
R3 = 909
Ω
R6 = 75
Ω
R14 = 10k
C1 = 68
µF
C2 = 15 nF
C3 = 0.1
µF
C4 = 47 nF
DIP package pinning.
Receiver
output
V3
V4
350
Ω
310
Ω
Transmitter
input
+
+ LINE
- LINE
ARTIFICIAL
LINE
I L
V
2
V1
V
L
R = 0-4k
Ω
L
0 ohm when artificial
line is used
PBL 38582
with external
components
See fig. 4
R
feed = 400Ω+400Ω
600
Ω
C
E = 48.5V
C = 1
µF when artificial line is used
470
µF when no artificial line
5H+5H
+
+
- LINE
I L
V
2
V1
V
L
R = 0 - 4 k
Ω
L
PBL 38582
with external
components
See fig. 4
Receiver
output
R
feed = 400Ω+400Ω
600
Ω
+
E = 50.0V
V4
1
µF
Uz= 15-16V
5H+5H
350
Ω
310
Ω
V3
Transmitter
input
+ LINE
3
1
4
+
2
14,16
15
18
17
R6
R1
R2
C3
C4
C2
C1
R3
PBL 38582
Reference
Limiter
DC
supply
Fast start - up
6
R14
Transmitter
input
Receiver
output
5,
+Line
-Line
R13



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com