Electronic Components Datasheet Search
  English  ▼

X  

PBL386302SHT Datasheet(PDF) 6 Page - Ericsson

Part # PBL386302SHT
Description  Subscriber Line Interface Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL386302SHT Datasheet(HTML) 6 Page - Ericsson

Back Button PBL386302SHT Datasheet HTML 2Page - Ericsson PBL386302SHT Datasheet HTML 3Page - Ericsson PBL386302SHT Datasheet HTML 4Page - Ericsson PBL386302SHT Datasheet HTML 5Page - Ericsson PBL386302SHT Datasheet HTML 6Page - Ericsson PBL386302SHT Datasheet HTML 7Page - Ericsson PBL386302SHT Datasheet HTML 8Page - Ericsson PBL386302SHT Datasheet HTML 9Page - Ericsson PBL386302SHT Datasheet HTML 10Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
PBL 386 30/2
6
Loop current detector
Programmable threshold, I
LTh
I
LTh =
500
0.85·I
LTh
I
LTh
1.15·I
LTh
mA
R
LD
R
LD in kΩ, ILTh ≥ 7 mA
Ring trip comparator
Offset voltage,
∆V
DTDR
Source resistance, R
S = 0 Ω
-20
0
20
mV
Input bias current, I
B
I
B = (IDT + IDR)/2
-200
-20
200
nA
Input common mode range, V
DT, VDR
V
Bat+1
-1
V
Ring relay driver
Saturation voltage, V
OL
I
OL = 50 mA
0.2
0.5
V
Off state leakage current, I
Lk
V
OH = 12 V
10
µA
Digital inputs (C1, C2)
Input low voltage, V
IL
0
0.5
V
Input high voltage, V
IH
2.5
V
CC
V
Input low current, I
IL
V
IL = 0.5
-50
µA
Input high current, I
IH
V
IH = 2.5 V
50
µA
Detector output (DET)
Output low voltage
I
OL = 0.5 mA
0.7
V
Internal pull-up resistor
15
k
Ω
Power dissipation (V
Bat = -48V,VBat2 = -32V)
P
1
Open circuit state, C1, C2 = 0, 0
10
15
mW
Active state, C1, C2 = 0, 1
P
2
Longitudinal current = 0 mA, I
L=0 mA (on-hook)
65
85
mW
P
3
R
L =300Ω (off-hook)
730
mW
P
4
R
L =800Ω (off-hook)
360
mW
Power supply currents (V
Bat = -48V)
V
CC current, ICC
Open circuit state
1.2
2.0
mA
V
Bat current, IBat
-0.10
-0.05
mA
V
CC current, ICC
Active state
2.8
4.0
mA
V
Bat current, IBat
On-hook, Long Current = 0 mA
-1.5
-1.0
mA
Power supply rejection ratios
V
CC to 2- or 4-wire port
Active State
30
42
dB
V
Bat to 2- or 4-wire port
f= 1kHz, V
n = 100mV
36
45
dB
V
Bat2 to 2- or 4-wire port
40
60
dB
Temperature guard
Junction threshold temperature, T
JG
145
°C
Thermal resistance
28-pin PLCC,
θ
JP28plcc
39
°C/W
24-pin SOIC,
θ
JP24soic
43
°C/W
24-pin SSOP,
θ
JP24ssop
55
°C/W
Parameter
fig
Conditions
Min
Typ
Max
Unit
Ref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com