Electronic Components Datasheet Search
  English  ▼

X  

PBL386302SHT Datasheet(PDF) 13 Page - Ericsson

Part # PBL386302SHT
Description  Subscriber Line Interface Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL386302SHT Datasheet(HTML) 13 Page - Ericsson

Back Button PBL386302SHT Datasheet HTML 8Page - Ericsson PBL386302SHT Datasheet HTML 9Page - Ericsson PBL386302SHT Datasheet HTML 10Page - Ericsson PBL386302SHT Datasheet HTML 11Page - Ericsson PBL386302SHT Datasheet HTML 12Page - Ericsson PBL386302SHT Datasheet HTML 13Page - Ericsson PBL386302SHT Datasheet HTML 14Page - Ericsson PBL386302SHT Datasheet HTML 15Page - Ericsson PBL386302SHT Datasheet HTML 16Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
PBL 386 30/2
13
Figure 11. Single-channel subscriber line interface with PBL 386 30/2 and combination CODEC/filter.
RESISTORS: (Values according to IEC E96
series)
R
SG
= 0
Ω
1% 1/10 W
R
LD
= 49,9 k
Ω
1% 1/10 W
R
OV
= User programmable
R
LC
= 32,4 k
Ω
1% 1/10 W
R
REF
= 49,9 k
Ω
1% 1/10 W
R
R
= 64,9 k
Ω
1% 1/10 W
R
T
= 105 k
Ω
1% 1/10 W
R
TX
= 24,9 k
Ω
1% 1/10 W
R
B
= 22,1 k
Ω
1% 1/10 W
R
RX
= 52,3 k
Ω
1% 1/10 W
R
FB
Depending on CODEC / filter
R
1
= 604 k
Ω
1% 1/10 W
R
2
= 604 k
Ω
1% 1/10 W
R
3
= 249 k
Ω
1% 1/10 W
R
4
= 280 k
Ω
1% 1/10 W
R
RT
= 330
Ω
5% 2 W
R
F1, RF2
= Line resistor, 40
Ω 1% match
R
P1, RP2
= 10
Ω
1% 1/10 W,(Note 1)
CAPACITORS: (Values according to IEC
E96 series)
C
VB
= 100 nF
100 V 10%
C
VB2
= 150 nF
100 V 10%
C
VCC
= 100 nF
10 V 10%
C
TC
= 2,2 nF
100 V 10%
C
RC
= 2,2 nF
100 V 10%
C
HP
= 47 nF
100 V 10%
C
LP
= 150 nF
100 V 10%
C
TX
= 100 nF
10 V 10%
C
GG
= 220 nF
100 V 10%
C
1
= 330 nF
63 V 10%
C
2
= 330 nF
63 V 10%
DIODES:
D
VB
= 1N4448
D
VB2
= 1N4448
D
BB
= 1N4448
OVP:
Secondary protection ( e. g. Power
Innovations TISPPBL2). The ground
terminals of the secondary protection should
be connected to the common ground on the
Printed Board Assembly with a track as
short and wide as possible, preferable a
groundplane.
R
LC
R
RX
R
REF
R
LD
C
VCC
C
TX
PBL 386 30/2
R
TX
0
-
+
0
CODEC/
Filter
R
FB
SYSTEM CONTROL
INTERFACE
R
R
R
T
R
B
-
+
VCC
VCC
BGND
TIPX
VBAT
VBAT2
PLC
POV
PLD
VCC
PSG
NC
LP
DT
NC
DET
C1
C2
RRLY
HP
NC
RINGX
AGND
RSN
NC
REF
PTG
VTX
DR
NU
PBL 386 30/2
R
OV
R
SG
C
LP
C
1
R
4
C
2
R
3
C
HP
VB2
SLIC No. 2 etc.
C
RC
R
P2
R
P1
R
F2
R
F1
TIP
RING
OVP
C
GG
C
TC
VB
+12 V /+5V
K
R
C
VB
D
VB2
C
VB2
D
BB
VB
D
VB
R
RT
E
RG
R
2
R
1
Programmable overhead
voltage(POV)
With the POV function the overhead
voltage can be increased.
If the POV pin is left open the overhead
voltage is internally set to 3,2 V
Peak in off-
hook and 1,3 V
Peak on-hook. If a resistor
R
OV is connected between the POV pin
and AGND, the overhead voltage can be
set to higher values, typical values can
be seen in figure 10. The R
OV and
corresponding V
TRO (signal headroom)
are typical values for THD <1% and the
signal frequency 1000Hz.
Observe that the 4-wire output terminal
V
TX can not handle more than 3,2 VPeak.
So if the gain 2-wire to 4-wire is 0dB,
3,2 V
Peak is maximum also for the 2-wire
side. Signal levels between 3,2 and
6,4 V
Peak on the 2-wire side can be
handled with the PTG shorted so that the
gain G
2-4S become -6,02dB. Please note
that the two-wire impedance, R
R and the
4-wire to 4-wire gain has to be recalcu-
lated if the PTG is shorted.
Please note that the maximum signal
current at the 2-wire side can not be
greater than 9 mA.
How to use POV:
1. Decide what overhead voltage(V
TRO) is
needed. The POV function is only
needed if the overhead voltage
exceeds 3,2 V
Peak
2. In figure 10 the corresponding R
OV for
the decided V
TRO can be found.
3. If the overhead voltage exceeds
3,2 V
Peak, the G2-4S
gain has to be
changed to -6,02dB by connecting the
PTG pin to AGND. Please note that
the two-wire impedance, R
R and the 4-
wire to 4-wire gain has to be recalcu-
lated.
NOTE:
1. R
P1 and RP2 may be omitted if DVB is in place.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com