Electronic Components Datasheet Search
  English  ▼

X  

2N5550 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 2N5550
Description  NPN EPITAXIAL PLANAR SILICON HIGH VOLTAGE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N5550 Datasheet(HTML) 2 Page - Continental Device India Limited

  2N5550 Datasheet HTML 1Page - Continental Device India Limited 2N5550 Datasheet HTML 2Page - Continental Device India Limited 2N5550 Datasheet HTML 3Page - Continental Device India Limited 2N5550 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN EPITAXIAL PLANAR SILICON HIGH VOLTAGE TRANSISTOR
2N5550
TO-92
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Base Voltage
VCEO*IC=1mA,IB=0
140
V
Collector Base Voltage
VCBO
IC=100µA,IE=0
160
V
Emitter Base Voltage
VEBO
IE=10µA, IC=0
6V
Collector Cut off Current
ICBO
VCB=100V, IE = 0
100
nA
Ta=100
OC
VCB =100V, IE=0
100
µA
Emitter Cut off Current
IEBO
VBE=4V, IC = 0
50
nA
µA
DC Current Gain
hFE*VCE=5V,IC=1mA
60
VCE=5V,IC=10mA
60
250
VCE=5V,IC=50mA
20
Base Emitter Saturation Voltage
VBE(sat)*
IC=10mA,IB=1mA
1.0
V
IC=50mA,IB= 5mA
1.2
V
Collector Emitter Saturation Voltage
VCE(sat)*
IC=10mA,IB=1mA
0.15
V
IC=50mA,IB=5mA
0.25
V
DYNAMIC CHARACTERISTICS
Small Signal Current Gain
l hfe l
IC=1mA, VCE=10V
50
200
f=1KHz
Transition Frequency
fT
IC=10mA, VCE=10V
f=100MHz
100
300
MHz
Output Capacitance
Cobo
IE=0, VCB=10V
f=1MHz
6.0
PF
Input Capacitance
Cibo
Ic=0, VEB=0.5V
f=1MHz
30
PF
Noise Figure
NF
VCE =5V,IC=250µA10
dB
R=1
Ω,f=10H
Z to15.7kHz
*Pulse Condition: Width = 300
µs, Duty Cycle= 2%.
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com