Electronic Components Datasheet Search
  English  ▼

X  

2N5550 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N5550
Description  NPN EPITAXIAL PLANAR SILICON HIGH VOLTAGE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N5550 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N5550 Datasheet HTML 1Page - Continental Device India Limited 2N5550 Datasheet HTML 2Page - Continental Device India Limited 2N5550 Datasheet HTML 3Page - Continental Device India Limited 2N5550 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN EPITAXIAL PLANAR SILICON HIGH VOLTAGE TRANSISTOR
2N5550
TO-92
Plastic Package
High Voltage NPN Transistor For General Purpose and Telephony Applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNITS
Collector Emitter Voltage
VCEO
140
V
Collector Base Voltage
VCBO
160
V
Emitter Base Voltage
VEBO
6V
Collector Current Continuous
IC
600
mA
Power Dissipation@ Ta=25ºC
PD
625
mW
Derate Above 25ºC
5.0
mW/ºC
Power Dissipation@ Tc=25ºC
PD
1.5
W
Derate Above 25ºC
12
mW/ºC
Operating And Storage Junction
Tj, Tstg
-55 to +150
ºC
Temperature Range
THERMAL RESISTANCE
Junction to ambient
Rth(j-a) (1)
357
ºC/W
Junction to case
Rth(j-c)
125
ºC/W
(1) Rth (j-a) is measured with the device soldered into a typical printed circuit board
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N5550

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5550 ONSEMI-2N5550 Datasheet
188Kb / 6P
mplifier Transistors(NPN Silicon)
June, 2004 ??Rev. 3
logo
NXP Semiconductors
2N5550 PHILIPS-2N5550 Datasheet
43Kb / 8P
NPN high-voltage transistors
1999 Apr 23
logo
Samsung semiconductor
2N5550 SAMSUNG-2N5550 Datasheet
33Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Semtech Corporation
2N5550 SEMTECH-2N5550 Datasheet
131Kb / 2P
NPN Silicon Expitaxial Planar Transistor for general purpose, high voltage amplifier applications????
logo
Fairchild Semiconductor
2N5550 FAIRCHILD-2N5550 Datasheet
28Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - 2N5550

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N5551 BOCA-2N5551 Datasheet
57Kb / 2P
NPN EPITAXIAL PLANAR SILICON HIGH VOLTAGE TRANSISTOR
logo
KEC(Korea Electronics)
KTC1027 KEC-KTC1027 Datasheet
358Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE)
KTC2238A KEC-KTC2238A Datasheet
67Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE)
logo
Cystech Electonics Corp...
BTC4505M3 CYSTEKEC-BTC4505M3 Datasheet
166Kb / 5P
High Voltage NPN Epitaxial Planar Transistor
BTC3415A3 CYSTEKEC-BTC3415A3 Datasheet
299Kb / 6P
High Voltage NPN Epitaxial Planar Transistor
BTD7521E3 CYSTEKEC-BTD7521E3 Datasheet
229Kb / 5P
High Voltage NPN Epitaxial Planar Transistor
BTD7521H8 CYSTEKEC-BTD7521H8 Datasheet
250Kb / 6P
High Voltage NPN Epitaxial Planar Transistor
BTD7521J3 CYSTEKEC-BTD7521J3 Datasheet
333Kb / 9P
High Voltage NPN Epitaxial Planar Transistor
logo
Continental Device Indi...
2N5551 CDIL-2N5551 Datasheet
284Kb / 3P
NPN EPITAXIAL PLANAR SILICON HIGH VOLTAGE TRANSISTOR
logo
Cystech Electonics Corp...
BTC4621K3 CYSTEKEC-BTC4621K3 Datasheet
172Kb / 4P
High Voltage NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com