Electronic Components Datasheet Search
  English  ▼

X  

3047 Datasheet(PDF) 39 Page - Alpha Wire

Part # 3047
Description  Hook-Up Wire
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3047 Datasheet(HTML) 39 Page - Alpha Wire

Back Button 3047 Datasheet HTML 35Page - Alpha Wire 3047 Datasheet HTML 36Page - Alpha Wire 3047 Datasheet HTML 37Page - Alpha Wire 3047 Datasheet HTML 38Page - Alpha Wire 3047 Datasheet HTML 39Page - Alpha Wire 3047 Datasheet HTML 40Page - Alpha Wire 3047 Datasheet HTML 41Page - Alpha Wire 3047 Datasheet HTML 42Page - Alpha Wire 3047 Datasheet HTML 43Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
415
Wire > Hook-Up Wire > 600 V
Hook-Up Wire
Welding Cable
600 V, EPDM
Operating Temperature
• -50°C to +105°C
Materials
• Stranded bare copper
conductor
• Black EPDM rubber jacket
Availability
Bulk, cut to length
Part
No.
Wire Size
Stranding
Insulation
Thickness
Nominal
Diameter
Current-
Carrying
Capacity
Voltage
Drop*
AWG mm2
AWG
mm
Inch
mm
Inch
mm
A
V
6112
6
13.5
266/30 266 x 0.25 0.060 1.52 0.320 8.13
75
3.30
6113
4
19.9
392/30
392 x 0.25 0.060 1.52 0.375 9.53
100
2.80
6115
2
32.6 644/30 644 x 0.25 0.060 1.52 0.440 11.18
200
3.60
6116
1
39.7 784/30 784 x 0.25 0.080 2.03 0.515 13.08
250
3.80
6117
1/0
52.0 1026/30 1026 x 0.25 0.080 2.03 0.550 13.97
300
3.60
6118
2/0
63.5 1254/30 1254 x 0.25 0.080 2.03 0.590 14.99
375
3.37
6119
3/0
81.8
1615/30 1615 x 0.25 0.080 2.03 0.660 16.76
450
3.40
6120
4/0
104 2056/30 2056 x 0.25 0.080 2.03 0.725 18.42
550
3.30
*Voltage drop per 100 ft (30.5 m) at 60°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com