Electronic Components Datasheet Search
  English  ▼

X  

3047 Datasheet(PDF) 40 Page - Alpha Wire

Part # 3047
Description  Hook-Up Wire
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3047 Datasheet(HTML) 40 Page - Alpha Wire

Back Button 3047 Datasheet HTML 36Page - Alpha Wire 3047 Datasheet HTML 37Page - Alpha Wire 3047 Datasheet HTML 38Page - Alpha Wire 3047 Datasheet HTML 39Page - Alpha Wire 3047 Datasheet HTML 40Page - Alpha Wire 3047 Datasheet HTML 41Page - Alpha Wire 3047 Datasheet HTML 42Page - Alpha Wire 3047 Datasheet HTML 43Page - Alpha Wire 3047 Datasheet HTML 44Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
416
Wire > Hook-Up Wire > Photovoltaic > 1000/2000 V
Hook-Up Wire
1000/2000 V Photovoltaic Wire, XLPE, PVC
UL 4703 PV VW-1 (2000 V)
UL Sunlight Resistant
Operating Temperature
• -40°C to +90°C
Materials
• Stranded tinned copper
conductor
• Black cross-linked polyethylene
insulation
• Black PVC jacket
Availability
100 ft (30.5 m)
1000 ft (305 m)
Part No.
Wire Size
Stranding
Insulation/Jacket
Thickness
Nominal
Diameter
AWG
mm2
AWG
mm
Inch
mm
Inch
mm
PV1430
14
2.08
41/30
41 x
0.25
0.063/
0.032
1.60/
0.81
0.267
6.78
PV1230
12
3.29
65/30
65 x
0.25
0.063/
0.032
1.60/
0.81
0.286
7.26
PV1030
10
5.32
105/30
105 x
0.25
0.063/
0.032
1.60/
0.81
0.311
7.90
PV0830A*
8
8.51
168/30
168 x
0.25
0.078/
0.032
1.98/
0.81
0.390
9.91
PV0630A*
6
13.5
266/30
266 x
0.25
0.078/
0.032
1.98/
0.81
0.433
11.00
PV0430A*
4
21.3
420/30
420 x
0.25
0.078/
0.032
1.98/
0.81
0.491
12.47
PV0230A*
2
33.7
665/30
665 x
0.25
0.078/
0.032
1.98/
0.81
0.558
14.17
*UL 4703 PV only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com