Electronic Components Datasheet Search
  English  ▼

X  

MAAM-009451 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-009451
Description  Broadband CATV Single Ended 3-Way Active Splitter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-009451 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAM-009451 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-009451 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-009451 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-009451 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-009451 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-009451 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Broadband CATV Single Ended 3-Way Active Splitter
50 - 1100 MHz
Rev. V1
MAAM-009451
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein withOut notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical Outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: Freq = 1000 MHz, TA = 25°C, VDD = +3.3 Volts, Z0 = 75 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
In to Out1, In to Out2, In to Out3
dB
2.0
3.0
4.2
Gain Flatness
In to Out1, In to Out2, In to Out3
dB
-
1.0
-
Noise Figure
In to Out1, In to Out2, In to Out3
dB
-
4.5
-
Input Return Loss
In
dB
-
15
-
Output Return Loss
Out1, Out2, Out3
dB
-
8
-
Composite Triple Beat, CTB
132 Channels, +15 dBmV/Channel at the input
dBc
-
-67
-
Composite Second Order, CSO
132 Channels, +15 dBmV/Channel at the input
dBc
-
-55
-
Reverse Isolation
Out1 to In, Out2 to In, Out3 to In
dB
-
29
-
Output to Output Isolation
Out1 to Out2 or Out3; Out2 to Out3
dB
-
22
-
IDD
VDD= +3.3 Volts
mA
-
90
110
Output IP2
500 MHz, 2-tone, 6 MHz spacing, -15 dBm Pout
dBm
-
40
-
Output IP3
500 MHz, 2-tone, 6 MHz spacing, -15 dBm Pout
dBm
-
25
-
Output P1dB
In to Out1, In to Out2, In to Out3
dBm
-
4
-
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
An external protection circuit using an inexpensive
anti-parallel diode pair can be used to protect the
IC.
Please reference application note AN3028 on
http://www.macomtech.com for further detail.
Absolute Maximum Ratings
4,5,6
Parameter
Absolute Maximum
RF Input Power
12 dBm
Voltage
10.0 volts
Operating Temperature
-20°C to +85°C
Storage Temperature
-65°C to +150°C
Junction Temperature7
+150°C
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM Technology Solutions does not recommend
sustained operation near these survivability limits.
6. These operating conditions will ensure MTTF > 1 x 106 hours.
7. Junction Temperature (TJ) = TC + Өjc * (V * I)
Typical thermal resistance (Өjc) = 101° C/W.
a) For TC = 25°C,
TJ = 62°C @ 3.3 V, 110 mA
b) For TC = 85°C,
TJ = 120 °C @ 3.3 V, 105 mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com