Electronic Components Datasheet Search
  English  ▼

X  

MAAM-009451 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-009451
Description  Broadband CATV Single Ended 3-Way Active Splitter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-009451 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAM-009451 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-009451 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-009451 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-009451 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-009451 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-009451 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Broadband CATV Single Ended 3-Way Active Splitter
50 - 1100 MHz
Rev. V1
MAAM-009451
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein withOut notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical Outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Off-Chip Component Values
9. L1 supplied from EPCOS, part number B82422A1102K100
Component
Value
Package
C1 - C6
0.01 µF
0402
L1
9
1 µH
1210
L2-L4
10 nH
0402
R1, R2
240 Ω
0402
R3 - R5
560 Ω
0402
Schematic Including Off-Chip Components
8
8. The exposed pad centered on the package bottom must be
connected to ground for RF, DC and thermal considerations.
PCB Land Pattern
Recommended PCB
IN
V
DD
R1
R2
OUT 1
R4
R3
R5
C2
C1
C3
C4
C6
C5
2mm 8 LD PDFN
Pin 8
L1
GND
GND
L4
L3
L2
OUT 2
OUT 3
IN
V
DD
R1
R2
OUT 1
R4
R3
R5
C2
C1
C3
C4
C6
C5
2mm 8 LD PDFN
Pin 8
L1
GND
GND
L4
L3
L2
OUT 2
OUT 3
All dimensions in mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com