Electronic Components Datasheet Search
  English  ▼

X  

MAAM26100 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM26100
Description  GaAs MMIC Power Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM26100 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAAM26100 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM26100 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM26100 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM26100 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM26100 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
GaAs MMIC Power Amplifier
2.0 - 6.5 GHz
Rev. V7
MAAM26100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Pad Configuration 8
Die Size: 2.342 x 1.802 x 0.102 mm (nominal)
8. All X,Y locations are at pad center.
Pad
No.
X (mm)
nominal
Y (mm)
nominal
Pad Size
(mm)
Description
3
0
0
.10 x .10
VD1
4
0.6435
0
.10 x .10
VGG
5
0.9235
0
.10 x .10
VG2
6
1.0885
0
.15 x .10
GND
7
1.954
0
.15 x .10
VD2
9
1.979
0.640
.10 x .10
GND
10
1.979
0.840
.10 x .20
RFOUT
11
1.564
1.420
.10 x .10
B2
12
1.413
1.380
.10 x .10
C2
13
1.263
1.420
.10 x .10
D2
14
1.213
1.580
.15 x .10
E2
15
1.413
1.580
.15 x .10
VG2
Pad No.
X (mm)
nominal
Y (mm)
nominal
Pad Size
(mm)
Description
16
1.613
1.580
.10 x .10
A2
17
1.942
1.580
.10 x .10
GND
19
0.5525
1.580
.10 x .10
A1
20
0.5025
1.420
.10 x .10
B1
21
0.3525
1.380
.10 x .10
C1
22
0.2025
1.420
.10 x .10
D1
23
0.1525
1.580
.10 x .10
E1
24
0.0025
1.580
.10 x .10
GND
26
0.3525
1.580
.10 x .10
VG1
27
-0.141
0.840
.10 x .20
RFIN
28
-0.141
0.640
.10 x .10
GND
Outline Drawing
3
10
9
7
6
5
4
13
12
11
17
16
15
22
14
21
20
24
23
26
19
28
27



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com