Electronic Components Datasheet Search
  English  ▼

X  

MAAM26100 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM26100
Description  GaAs MMIC Power Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM26100 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAM26100 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM26100 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM26100 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM26100 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM26100 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
GaAs MMIC Power Amplifier
2.0 - 6.5 GHz
Rev. V7
MAAM26100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
 Saturated Power: 30.5 dBm Typical
 Gain: 19 dB Typical
 Power Added Efficiency: 30%
 On-Chip Bias Network
 DC Decoupled RF Input and Output
 RoHS* Compliant
Description
The MAAM26100 is a GaAs MMIC two stage high
efficiency power amplifier. The MAAM26100 is a
fully monolithic design which eliminates the need for
external circuitry in 50-ohm systems.
The MAAM26100 is ideally suited for driver
amplifiers
and
transmitter
outputs
in
UMTS
applications, test equipment, electronic warfare
jammers, missile subsystems and phased array
radars.
The
MAAM26100
is
fabricated
using
a
mature 0.5-micron gate length GaAs process. The
process features full passivation for increased
performance reliability.
Ordering Information
Part Number
Package
MAAM26100
Die
Die
Absolute Maximum Ratings 1,2
Parameter
Absolute Maximum
VDD
+9 V
VG1, VG2
-2.5 V to -0.8 V
VGG
3
-6 V to -3 V
RF Input Power
+17 dBm
Channel Temperature
150°C
Storage Temperature
-65°C to +150°C
1. Exceeding any one or combination of these limits may cause
permanent damage to this device and will void product
warranty.
2. M/A-COM does not recommend sustained operation near
these survivability limits.
3. VGG rating applies when using the optional on-chip resistor
network.


Similar Part No. - MAAM26100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM26100 MACOM-MAAM26100 Datasheet
193Kb / 2P
Power GaAs MMIC Amplifier 2-6.5GHz
logo
M/A-COM Technology Solu...
MAAM26100 MA-COM-MAAM26100 Datasheet
257Kb / 5P
GaAs MMIC Power Amplifier 2.0 - 6.5 GHz
logo
Tyco Electronics
MAAM26100-B1 MACOM-MAAM26100-B1 Datasheet
105Kb / 2P
Power GaAs MMIC Amplifier 2-6 GHz
logo
M/A-COM Technology Solu...
MAAM26100-B1 MA-COM-MAAM26100-B1 Datasheet
116Kb / 2P
GaAs MMIC Power Amplifier 3.0 - 6.4 GHz
MAAM26100-B1 MA-COM-MAAM26100-B1 Datasheet
90Kb / 2P
GaAs MMIC Power Amplifier
More results

Similar Description - MAAM26100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM26100-B1_V7 MA-COM-MAAM26100-B1_V7 Datasheet
90Kb / 2P
GaAs MMIC Power Amplifier
MAAM71100_V6 MA-COM-MAAM71100_V6 Datasheet
224Kb / 3P
GaAs MMIC Power Amplifier
MAAM26100-B1 MA-COM-MAAM26100-B1 Datasheet
90Kb / 2P
GaAs MMIC Power Amplifier
MAAM26100-P1 MA-COM-MAAM26100-P1 Datasheet
104Kb / 3P
GaAs MMIC Power Amplifier
MAAM71100 MA-COM-MAAM71100 Datasheet
224Kb / 3P
GaAs MMIC Power Amplifier
XU1006-BD MA-COM-XU1006-BD_15 Datasheet
1Mb / 1P
GaAs MMIC Power Amplifier
MAAM26100-P1 MA-COM-MAAM26100-P1_15 Datasheet
586Kb / 4P
GaAs MMIC Power Amplifier
MAAM26100 MA-COM-MAAM26100_15 Datasheet
780Kb / 6P
GaAs MMIC Power Amplifier
MAAM26100-B1 MA-COM-MAAM26100-B1_15 Datasheet
553Kb / 3P
GaAs MMIC Power Amplifier
MAAM71100 MA-COM-MAAM71100_15 Datasheet
792Kb / 4P
GaAs MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com