Electronic Components Datasheet Search
  English  ▼

X  

MAAM28000 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM28000
Description  Wide Band GaAs MMIC Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM28000 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAM28000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM28000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM28000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM28000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wide Band GaAs MMIC Amplifier
2.0 - 8.0 GHz
Rev. V6
MAAM28000
1
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• 18 dB Typical Gain
• ± 0.5 dB Typical Broadband Gain Flatness
• Single Bias Supply: +10 V
• DC Decoupled RF Input and Output
Description
The
MAAM28000
is
a
wide
band,
MMIC
amplifier. It includes two distributed gain stages to
obtain flat gain and a good, 50-ohm input and output
impedance match over a very wide bandwidth. The
MAAM28000 operates from a single +10 V supply.
The MAAM28000 performs well as a generic IF,
driver or buffer amplifier where high gain, excellent
linearity and low power consumption are important.
Because of its wide bandwidth, the MAAM28000 can
be used in numerous commercial and government
system
applications,
such
as
satellite
communications, RLL, EW and radar.
The
MAAM28000
is
manufactured
in-house
using a reliable, 0.5-micron, GaAs MESFET
process. This product is 100% RF tested to ensure
compliance to performance specifications.
Ordering Information
Part Number
Package
MAAM28000
Die
Die
Absolute Maximum Ratings 1
Parameter
Absolute Maximum
Voltage
+14 V
Input Power
+20 dBm
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
Schematic


Similar Part No. - MAAM28000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM28000 MACOM-MAAM28000 Datasheet
197Kb / 2P
Wide Band GaAs MMIC Amplifier 2-8GHz
logo
M/A-COM Technology Solu...
MAAM28000 MA-COM-MAAM28000 Datasheet
221Kb / 4P
Wide Band GaAs MMIC Amplifier 2.0 - 8.0 GHz
logo
Tyco Electronics
MAAM28000-A1 MACOM-MAAM28000-A1 Datasheet
126Kb / 2P
Wide Band GaAs MMIC Amplifier 2-8 GHz
logo
M/A-COM Technology Solu...
MAAM28000-A1 MA-COM-MAAM28000-A1 Datasheet
127Kb / 3P
Wide Band GaAs MMIC Amplifier 2.0 - 8.0 GHz
MAAM28000-A1 MA-COM-MAAM28000-A1 Datasheet
127Kb / 3P
Wide Band GaAs MMIC Amplifier
More results

Similar Description - MAAM28000

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1101F NJRC-NJG1101F Datasheet
337Kb / 15P
WIDE BAND AGC AMPLIFIER GaAs MMIC
NJG1146KG1 NJRC-NJG1146KG1 Datasheet
579Kb / 21P
WIDE BAND LOW NOISE AMPLIFIER GaAs MMIC
logo
M/A-COM Technology Solu...
MAAM02350 MA-COM-MAAM02350 Datasheet
95Kb / 4P
Wide Band GaAs MMIC Amplifier
MAAM02350-A2 MA-COM-MAAM02350-A2 Datasheet
110Kb / 3P
Wide Band GaAs MMIC Amplifier
MAAM28000-A1 MA-COM-MAAM28000-A1 Datasheet
127Kb / 3P
Wide Band GaAs MMIC Amplifier
MAAM28000 MA-COM-MAAM28000_15 Datasheet
221Kb / 4P
Wide Band GaAs MMIC Amplifier
MAAM28000-A1 MA-COM-MAAM28000-A1_15 Datasheet
127Kb / 3P
Wide Band GaAs MMIC Amplifier
MAAM02350-A2 MA-COM-MAAM02350-A2_15 Datasheet
732Kb / 4P
Wide Band GaAs MMIC Amplifier
MAAM02350 MA-COM-MAAM02350_15 Datasheet
624Kb / 5P
Wide Band GaAs MMIC Amplifier
MAAM28000 MA-COM-MAAM28000_16 Datasheet
940Kb / 5P
Wide Band GaAs MMIC Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com