Electronic Components Datasheet Search
  English  ▼

X  

MAAM28000 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM28000
Description  Wide Band GaAs MMIC Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM28000 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAAM28000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM28000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM28000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM28000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Wide Band GaAs MMIC Amplifier
2.0 - 8.0 GHz
Rev. V6
MAAM28000
4
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Handling Procedures
Permanent damage to the MAAM28000 may occur
if the following precautions are not adhered to:
A. Cleanliness - The MAAM28000 should be han-
dled in a clean environment. DO NOT attempt
to clean assembly after the MAAM28000 is
installed.
B. Static Sensitivity - All die handling equipment
and personnel should comply with DOD-STD-
1686 Class I.
C. Transients - Avoid instrument and power sup-
ply transients while bias is connected to the
MAAM28000. Use shielded signal and bias
cables to minimize inductive pick-up.
D. General Handling - DO NOT touch the surface
of the die.
It is recommended that the
MAAM28000 die be handled along the long
side with a sharp pair of tweezers.
Mounting
The MAAM28000 is back-metalized with Pd/Ni/Au
(100/1, 000/30,000Å) metallization. It can be die-
mounted using Au/Sn eutectic preforms or a ther-
mally and electrically conductive epoxy. The at-
tachment surface should be clean and flat.
Eutectic Die Attach:
A. An 80/20 Au/Sn preform is recommended with
a work surface temperature of approximately
255°C and a tool temperature of 265°C. When
hot 90/5 nitrogen/hydrogen gas is applied, sol-
der temperature should be approximately 290°
C.
B. DO NOT expose the MAAM28000 to a tem-
perature greater than 320°C for more than 20
seconds. No more than 3 seconds of scrub-
bing should be required for attachment.
Epoxy Die Attach:
A. Electrically conductive epoxy is required.
B. Apply a minimum amount of epoxy and place
the MAAM28000 into position. A thin epoxy
fillet should be visible around the perimeter of
the die.
C.
Cure epoxy per manufacturer’s recommended
schedule.
Bonding
A. Ball or wedge bond with 1.0 mil diameter gold
wire of 3.0 mil x 0.5 mil ribbon. Thermosonic
bonding with a nominal stage temperature of
150°C and a ball bonding force of 40 to 50
grams or wedge bonding force of 18 to 22
grams is recommended. Ultrasonic energy and
time should be adjusted to the minimum levels
necessary to achieve reliable bonds.
B. Bonds should be started on the die and termi-
nated on the package.
C. Bonding pads are 4.0 x 4.0 mils minimum.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com