Electronic Components Datasheet Search
  English  ▼

X  

2SJ355 Datasheet(PDF) 4 Page - NEC

Part # 2SJ355
Description  P-CHANNEL MOS FET FOR HIGH SWITCHING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SJ355 Datasheet(HTML) 4 Page - NEC

  2SJ355 Datasheet HTML 1Page - NEC 2SJ355 Datasheet HTML 2Page - NEC 2SJ355 Datasheet HTML 3Page - NEC 2SJ355 Datasheet HTML 4Page - NEC 2SJ355 Datasheet HTML 5Page - NEC 2SJ355 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SJ355
4
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
1 m
1 000
100
10
1
PW - Pulse Width -s
1
10 m
100 m
10
100
Single Pulse
Using ceramic board
of 7.5 cm2
× 0.7 mm
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
–0.2
–10
–1
–0.1
–0.01
–0.001
–0.0001
VSD - Source to Drain Voltage - V
CAPACITANCE vs.
DRAIN TO SOURCE VOLTAGE
–1
10 000
1 000
100
10
VDS - Drain to Source Voltage- V
SWITCHING CHARACTERISTICS
–0.1
1 000
100
10
0
ID - Drain Current -A
REVERSE RECOVERY TIME vs.
DIODE FORWARD CURRENT
–0.1
1 000
100
10
IF - Diode Forward Current - A
–1.2
–0.4
–0.6
–0.8
–1.0
VGS = 0
Pulsed
Ciss
Coss
Crss
–100
–10
VGS = 0
f = 1 MHz
–10
–1
tf
td(off)
td(on)
tr
VDD = 25 V
VGS(on) = –10 V
–10
–0.5
–1
–5
VGS = 0
di/dt = 50 A/ s
µ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com