Electronic Components Datasheet Search
  English  ▼

X  

2SJ355 Datasheet(PDF) 1 Page - NEC

Part # 2SJ355
Description  P-CHANNEL MOS FET FOR HIGH SWITCHING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SJ355 Datasheet(HTML) 1 Page - NEC

  2SJ355 Datasheet HTML 1Page - NEC 2SJ355 Datasheet HTML 2Page - NEC 2SJ355 Datasheet HTML 3Page - NEC 2SJ355 Datasheet HTML 4Page - NEC 2SJ355 Datasheet HTML 5Page - NEC 2SJ355 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1996
DATA SHEET
MOS FIELD EFFECT TRANSISTOR
2SJ355
P-CHANNEL MOS FET
FOR HIGH SWITCHING
Document No. D11217EJ1V0DS00 (1st edition)
Date Published June 1996 P
Printed in Japan
PACKAGE DIMENSIONS (in mm)
1.6 ±0.2
4.5 ±0.1
0.42
±0.06
1.5
0.42
±0.06
0.47
±0.06
3.0
0.41
+0.03
–0.05
1.5 ±0.1
S
D
G
EQUIVALENT CIRCUIT
Source (S)
Internal
diode
Gate
protection
diode
Gate (G)
Drain (D)
PIN CONNECTIONS
S:
D:
G:
Source
Drain
Gate
Marking: PQ
The 2SJ355 is a P-channel MOS FET of a vertical type and is
a switching element that can be directly driven by the output of an
IC operating at 5 V.
This product has a low ON resistance and superb switching
characteristics and is ideal for driving the actuators and DC/DC
converters.
FEATURES
•
Can be directly driven by 5-V IC
•
Low ON resistance
RDS(on) = 0.60
Ω MAX. @VGS = –4 V, ID = –1.0 A
RDS(on) = 0.35
Ω MAX. @VGS = –10 V, ID = –1.0 A
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
PARAMETER
SYMBOL
TEST CONDITIONS
RATING
UNIT
Drain to Source Voltage
VDSS
VGS = 0
–30
V
Gate to Source Voltage
VGSS
VDS = 0
–20/+10
V
Drain Current (DC)
ID(DC)
±2.0
A
Drain Current (Pulse)
ID(pulse)
PW
≤ 10 ms
±4.0
A
Duty cycle
≤ 1 %
Total Power Dissipation
PT
16 cm2
× 0.7 mm, ceramic substrate used
2.0
W
Channel Temperature
Tch
150
˚C
Storage Temperature
Tstg
–55 to +150
˚C
The internal diode connected between the gate and source of this product is to protect the product from static
electricity. If the product is used in a circuit where the rated voltage of the product may be exceeded, connect
a protection circuit.
Take adequate preventive measures against static electricity when handling this product.
The information in this document is subject to change without notice.


Similar Part No. - 2SJ355

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
2SJ355 VBSEMI-2SJ355 Datasheet
985Kb / 8P
P-Channel 30-V (D-S) MOSFET
logo
Renesas Technology Corp
2SJ355 RENESAS-2SJ355 Datasheet
268Kb / 8P
MOS FIELD EFFECT TRANSISTOR
1996
More results

Similar Description - 2SJ355

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ165 NEC-2SJ165 Datasheet
384Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
2SJ196 NEC-2SJ196 Datasheet
386Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
2SJ197 NEC-2SJ197 Datasheet
301Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
2SJ199 NEC-2SJ199 Datasheet
308Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
2SJ202 NEC-2SJ202 Datasheet
406Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
2SJ204 NEC-2SJ204 Datasheet
323Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
2SJ205 NEC-2SJ205 Datasheet
307Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
2SJ209 NEC-2SJ209 Datasheet
422Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
2SJ211 NEC-2SJ211 Datasheet
394Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
2SJ243 NEC-2SJ243 Datasheet
61Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com