Electronic Components Datasheet Search
  English  ▼

X  

2N3772 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # 2N3772
Description  NPN SILICON PLANAR POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N3772 Datasheet(HTML) 3 Page - Continental Device India Limited

  2N3772 Datasheet HTML 1Page - Continental Device India Limited 2N3772 Datasheet HTML 2Page - Continental Device India Limited 2N3772 Datasheet HTML 3Page - Continental Device India Limited 2N3772 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2N3772
TO-3
Metal Can Package
`
TO-3 Metal Can Package
TO-3
100 pcs/pkt
1.3 kg/100 pcs
12.5" x 8" x 1.8"
0.1K
17" x 11.5" x 21"
2K
27.5 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
A
D
F
J
M
2
1
B
DIM
MIN.
MAX.
A
—
39.37
B
—
22.22
C
6.35
8.50
D
0.96
1.09
E
—
1.77
F
29.90
30.40
G
10.69
11.18
H
5.20
5.72
J
16.64
17.15
K
11.15
12.25
L
—
26.67
M
3.84
4.19
3
PIN CONFIGURATION
1. BASE
2. EMITTER
3. COLLECTOR
2
1
Continental Device India Limited
Data Sheet
Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com