Electronic Components Datasheet Search
  English  ▼

X  

2N3772 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N3772
Description  NPN SILICON PLANAR POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N3772 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N3772 Datasheet HTML 1Page - Continental Device India Limited 2N3772 Datasheet HTML 2Page - Continental Device India Limited 2N3772 Datasheet HTML 3Page - Continental Device India Limited 2N3772 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLANAR POWER TRANSISTOR
2N3772
TO-3
Metal Can Package
Designed for Linear Amplifiers, Series Pass Regulators, and Inductive Switching Applications.
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VALUE
Collector Base Voltage
VCBO
Collector Emitter Voltage
VCEO
Collector Emitter Voltage
VCEX
Emitter Base Voltage
VEBO
Collector Current Continuous
IC
Peak
Base Current Continuous
IB
Peak
Power Dissipation @ Tc=25ºC
PD
Derate Above 25ºC
Operating And Storage Junction
Tj, Tstg
Temperature Range
THERMAL RESISTANCE
Junction to Case
Rth(j-c)
ELECTRICAL CHARACTERISTICS (TC=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNITS
Collector Emitter Sustaing Voltage
VCEO (sus)*
IC=0.2A, IB=0
60
V
Collector Emitter Sustaing Voltage
VCEX (sus)
IC=0.2A, RBE=100Ω,VEB=(off)=1.5V
80
V
Collector Emitter Sustaing Voltage
VCER (sus)
IC=0.2A, RBE=100Ω,
70
V
Collector Cut Off Current
ICEO
VCE=50V, IB=0
10
mA
Collector Cut Off Current
ICEV
VCE=100V, VEB(off)=1.5V
5.0
mA
Tc=150ºC
VCE=45V, VEB(off)=1.5V
10
Collector Cut Off Current
ICBO
VCB=100V, IE=0
5.0
mA
Emitter Cut Off Current
IEBO
VBE=7V, IC=0
5.0
mA
DC Current Gain
hFE*
IC=10A, VCE=4V
15
60
IC=20A, VCE=4V
5
Collector Emitter Saturation Voltage
VCE(sat)
IC=10A, IB=1A
1.4
V
IC=20A, IB=4A
4.0
Base Emitter On Voltage
VBE(on)
IC=10A, VCE=4V
2.2
V
W/ºC
ºC
ºC/W
UNITS
V
V
V
V
A
A
W
100
60
80
7
20
30
5
15
150
0.855
- 65 to +200
0.170
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N3772

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3772 MOSPEC-2N3772 Datasheet
132Kb / 3P
POWER TRANSISTORS(150W)
logo
ON Semiconductor
2N3772 ONSEMI-2N3772 Datasheet
204Kb / 6P
POWER TRANSISTORS (NPN SILICON)
1995 REV 7
logo
STMicroelectronics
2N3772 STMICROELECTRONICS-2N3772 Datasheet
64Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Jun-1997
logo
Wing Shing Computer Com...
2N3772 WINGS-2N3772 Datasheet
48Kb / 1P
NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Boca Semiconductor Corp...
2N3772 BOCA-2N3772 Datasheet
138Kb / 3P
HIGH POWER NPN SILICON POWER TRANSISTORS
More results

Similar Description - 2N3772

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CFC2026 CDIL-CFC2026 Datasheet
100Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
CFD1499 CDIL-CFD1499 Datasheet
105Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
logo
TRANSYS Electronics Lim...
2N3772 TEL-2N3772 Datasheet
69Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
2N3773 TEL-2N3773 Datasheet
68Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
BD707 TEL-BD707 Datasheet
159Kb / 2P
NPN SILICON PLANAR POWER TRANSISTOR
logo
Continental Device Indi...
BU508AT CDIL-BU508AT Datasheet
98Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
CFD2374 CDIL-CFD2374 Datasheet
95Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
2N3773 CDIL-2N3773 Datasheet
219Kb / 4P
NPN SILICON PLANAR POWER TRANSISTOR
BU208A CDIL-BU208A Datasheet
119Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
BD707 CDIL-BD707 Datasheet
194Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com