Electronic Components Datasheet Search
  English  ▼

X  

2N3055HV Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 2N3055HV
Description  NPN POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N3055HV Datasheet(HTML) 2 Page - Continental Device India Limited

  2N3055HV Datasheet HTML 1Page - Continental Device India Limited 2N3055HV Datasheet HTML 2Page - Continental Device India Limited 2N3055HV Datasheet HTML 3Page - Continental Device India Limited 2N3055HV Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN POWER TRANSISTOR
2N3055HV
TO-3
Metal Can Package
ELECTRICAL CHARACTERISTICS (TC=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNITS
Second Breakdown Collector Current
IS/b
VCE=35V,t=1.0 sec,
2.87
A
with Base Forward Biased
Nonrepetitive
Dynamic Characteristics
Transition Frequency
fT
IC=0.5A, VCE=10V, f=1MHz
2.5
MHz
*Pulse Test: <300
µµs, Duty Cycle =2%
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com